Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4884 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA4884
Description  Advanced monitor video controller for OSD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4884 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA4884 Datasheet HTML 17Page - NXP Semiconductors TDA4884 Datasheet HTML 18Page - NXP Semiconductors TDA4884 Datasheet HTML 19Page - NXP Semiconductors TDA4884 Datasheet HTML 20Page - NXP Semiconductors TDA4884 Datasheet HTML 21Page - NXP Semiconductors TDA4884 Datasheet HTML 22Page - NXP Semiconductors TDA4884 Datasheet HTML 23Page - NXP Semiconductors TDA4884 Datasheet HTML 24Page - NXP Semiconductors TDA4884 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1997 Nov 26
21
Philips Semiconductors
Product specification
Three gain control video pre-amplifier for OSD
TDA4884
Fig.17 Application circuit for test PCB.
handbook, full pagewidth
1 k
Ω
OSD
R11
10 k
Ω
R28
1 k
Ω
R12
J10
P22
J11
P9
P10
C31
10
µF
C9
100 nF
C21
22
nF
C24
100
nF
C27
22 nF
C28
100 nF
C29
2.2
µF
C30
220
µF
(25 V)
C18
22 nF
3 k
Ω
9.1 k
Ω
33
Ω
100
Ω
C15
R13
R1
51
Ω
R4
5.1 k
Ω
P4
R7
P21
C4
100 nF
C5
22 nF
C1
22 nF
R16
R25
33
Ω
110
Ω
R19
R22
47 pF
C22
22 nF
C25
100 nF
C19
22 nF
3 k
Ω
9.1 k
Ω
33
Ω
100
Ω
C16
R14
P5
R17
R26
33
Ω
R20
R23
47 pF
C23
22 nF
C26
100 nF
C20
22 nF
C11
22 nF
C10
100 nF
3 k
Ω
9.1 k
Ω
33
Ω
100
Ω
C17
R15
P6
R18
R27
33
Ω
R21
R24
47 pF
1
J1
2
J4
3
4
P1
5
6
7
8
9
10
P7
P8
P23
HBL
CL
GND
(power)
FB2
VOUT2
IOUT2
FB1
VOUT1
IOUT1
IOUT3
VOUT3
FB3
GC3
20
19
18
17
16
15
TDA4884
14
13
12
11
GC2
IC1
GC2
GC1
VIDC
VFBX
VIOS
GND
(sense)
VIN1
Vi(b-w)
R2
51
Ω
C2
22 nF
C12
22
nF
C6
22 nF
R5
5.1 k
Ω
J5
C13
22 nF
R6
5.1
k
Ω
J6
C14
22
nF
C8
100
nF
C7
1 nF
J2
P2
Vi(b-w)
R3
51
Ω
R8
1 k
Ω
R9
1 k
Ω
R10
1 k
Ω
C3
22 nF
J3
P3
Vi(b-w)
GC1
GND
VIN2
CC
VP
VIN3
VP
VP (sense)
GC3
CC
GND (sense)
MHA921
HBL
CL
(multi-layer)
L1
100
µH
subclick connector (50
Ω)
solder point for short-circuiting
or SMD 0
Ω resistor
jumper
connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com