Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACOS Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACOS
Description  5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACOS Datasheet(HTML) 1 Page - Abracon Corporation

  ACOS Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACOS - Frequency - Temperature - Overall Frequency Stability - Value Added - Packaging
-R for ± 25ppm max
-K for ± 30ppm max
-H for ± 35ppm max
-C for ± 50ppm max
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
ORDERING OPTIONS
ORDERING OPTIONS
PIN
FUNCTION
NUMBER
1
NC
7
GND / Case
8
Output
14
Vcc
5Vdc • SINE OUTPUT, FULL-SIZE DIP
CRYSTAL CLOCK OSCILLATORS
ACOS
APPLICATIONS:
• Provide clock signals for microprocessors and digital circuits.
• High Output drive capability applications.
• Great for low EMI applications.
FEATURES:
• Sine wave output.
• Wide Frequency Range.
• Low harmonic distortion.
Dimensions: Inches (mm)
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
ST
STANDARD SPECIFICA
ANDARD SPECIFICATIONS
TIONS
Frequency Range
8MHz - 40MHz
Operating Temperature
0°C to +70°C (see options)
Storage Temperature
-55°C to +125°C
Frequency Stability
±100ppm max. (See Options)
Supply Voltage
5.0Vdc ±10%
Output load
50W
Output power
0dBm min.
Harmonics
-25dBc min.
Aging
±5ppm/yr. max.
XX.XXXXMhz
-G
Gull Wing
-QXX (Trimmed Leads)
Please see environmental, and mechanical specifications, see appendix C. Group 1.
Marking, see appendix B. Recommended handling, see appendix F.
Test circuits and waveform, see appendix B.
Application notes, see appendix A.
Value added, see appendix D.
20 x12.6 x 5.08 mm
-TY for Tray packing
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 57


Similar Part No. - ACOS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOS ABRACON-ACOS_15 Datasheet
841Kb / 1P
CRYSTAL CLOCK OSCILLATORS
10.23.10
More results

Similar Description - ACOS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOL1 ABRACON-ACOL1 Datasheet
418Kb / 1P
2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1224 ABRACON-ACVX1224 Datasheet
509Kb / 1P
HIGH FREQUENCY INVERTED MESA TTL / CMOS FULL-SIZE DIP 5VDC VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1240 ABRACON-ACVX1240 Datasheet
482Kb / 1P
5Vdc SINE OUTPUT FULL-SIZE DIP VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
AHVX1025 ABRACON-AHVX1025 Datasheet
450Kb / 1P
TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
Metal Dip Full Size Clock Oscillators
logo
Abracon Corporation
ACOW ABRACON-ACOW Datasheet
941Kb / 2P
FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
04.01.15
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com