Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXP2001 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MXP2001
Description  Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MXP2001 Datasheet(HTML) 1 Page - Microsemi Corporation

  MXP2001 Datasheet HTML 1Page - Microsemi Corporation MXP2001 Datasheet HTML 2Page - Microsemi Corporation MXP2001 Datasheet HTML 3Page - Microsemi Corporation MXP2001 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
Santa Ana Division
2830 South Fairview, Santa Ana, CA. 92704, 714-979-8220, Fax: 714-557-5989
Page 1
Copyright
 2002
MXP2001.PDF, 2002-05-03
MXP2001
Photovoltaic By-Pass Diode
50 Volts, 1.0 Amps
PRODUCT PREVIEW
SAN T A ANA DIV I S I ON
DESCRI PTION
DESCRI PTION
DESCRI PTION
DESCRI PTION
Large area diode chip for medium current photovoltaic by-
pass applications, or for higher current hybrid applications.
The device is rated for 1A for applications where the device
will be exposed to substantial radiation flux (space). For
other applications, it may be operated at higher currents. A
version with attached leads is available.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATU R ES
KEY FEATU R ES
KEY FEATU R ES
KEY FEATU R ES
Oxide passivated structure for
very low leakage currents
Epitaxial structure minimizes
forward voltage drop
Forward voltage decreases with
radiation exposure
Qualified for space applications
Thin construction for fit with
photovoltaic cells
Rectangular shape
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
Increases efficiency of
photovoltaic arrays
Protects photovoltaic cells from
reverse voltage
MAXIMUM RATINGS @ 25°C (UNLESS OTHERWISE SPECIFIED)
Description
Symbol
Max.
Unit
Peak Repetitive Reverse Voltage
VRRM
50
Volts
Working Peak Reverse Voltage
VRWM
50
Volts
DC Blocking Voltage
VR
50
Volts
Average Rectified Forward Current, Tc
≤ 135°C
IF(ave)
1.0
Amps
Junction Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
Tstg
-65 to +200
°C
ELECTRICAL PARAMETERS
Description
Symbol
Conditions
Min
Typ.
Max
Unit
IR25
VR= 2.5 Vdc, Ta= 25
°C
10
200
nA
Reverse (Leakage)
Current (in dark)
IR25
VR= 10 Vdc, Ta= 25
°C
10
500
nA
Forward Voltage
VF1
IF= 0. 5 A, Ta= 25
°C
770
800
mV
pulse test, pw= 300
µs
VF2
IF= 1. 0 A, Ta= 25
°C
790
820
mV
Junction Capacitance
Cj1
VR= 4 Vdc
800
1000
pF
Breakdown Voltage
BVR
IR= 200
µA, Ta= 25°C
50
90
V


Similar Part No. - MXP2001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP22-C MICROSEMI-MXP22-C Datasheet
38Kb / 1P
Monolithic Photodiode Array-Chip
logo
Littelfuse
MXP250K LITTELFUSE-MXP250K Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
MXP270 LITTELFUSE-MXP270 Datasheet
619Kb / 14P
POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

Similar Description - MXP2001

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SDR1ASM SSDI-SDR1ASM Datasheet
161Kb / 2P
1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
SDR1D SSDI-SDR1D Datasheet
146Kb / 2P
1.0 AMPS 200 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
logo
Microsemi Corporation
MXP1005 MICROSEMI-MXP1005 Datasheet
175Kb / 5P
Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
MXP1125 MICROSEMI-MXP1125 Datasheet
199Kb / 4P
Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
MXP1144 MICROSEMI-MXP1144 Datasheet
176Kb / 4P
Photovoltaic By-Pass Diode 50 Volts, 1.0 Amps
MXP1144P MICROSEMI-MXP1144P Datasheet
78Kb / 4P
PHOTOVOLTAIC BY-PASS DIODE 50 VOLTS, 1.0 Amps
logo
Unisonic Technologies
1N80 UTC-1N80 Datasheet
163Kb / 6P
1.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
1.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK1N60P FS-FTK1N60P Datasheet
321Kb / 7P
1.0 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com