Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6621 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N6621
Description  VOIDLESS-HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6621 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N6621 Datasheet HTML 1Page - Microsemi Corporation 1N6621 Datasheet HTML 2Page - Microsemi Corporation 1N6621 Datasheet HTML 3Page - Microsemi Corporation 1N6621 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VOIDLESS-HERMETICALLY SEALED
ULTRA FAST RECOVERY GLASS
RECTIFIERS
SCOTTSD A L E DIVISION
1N6620 thru 1N6625
ELECTRICAL CHARACTERISTICS @ 25oC
MAXIMUM
REVERSE
CURRENT IR @
VRWM
IR
TYPE
NUMBER
MINIMUM
BREAK-
DOWN
VOLTAGE
VR
IR = 50µA
MAXIMUM
FORWARD
VOLTAGE
VF @ IF
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
TA=25
oC TA=150oC
MAXIMUM
REVERSE
RECOVERY
TIME (LOW
CURRENT)
trr
Note 1
MAXIMUM
REVERSE
RECOVERY
TIME (HIGH
CURRENT)
trr
Note 2
PEAK
RECOVERY
CURRENT
IRM (rec)
IF = 2A,
100A/
µs
Note 2
FORWARD
RECOVERY
VOLTAGE
VFRM Max
IF = 0.5A
tfr =12ns
V
V @ A
V @ A
V
µA
µA
ns
ns
A
V
1N6620
220
1.40V @ 1.2A 1.60V @ 2.0A
200
0.5
150
30
45
3.5
12
1N6621
440
1.40V @ 1.2A 1.60V @ 2.0A
400
0.5
150
30
45
3.5
12
1N6622
660
1.40V @ 1.2A 1.60V @ 2.0A
600
0.5
150
30
45
3.5
12
1N6623
880
1.55V @ 1.0A 1.80V @ 1.5A
800
0.5
150
50
60
4.2
18
1N6624
990
1.55V @ 1.0A 1.80V @ 1.5A
900
0.5
150
50
60
4.2
18
1N6625
1100
1.75V @ 1.0A 1.95V @ 1.5A
1000
1.0
200
60
80
5.0
30
NOTE 1: Low Current Reverse Recovery Time Test Conditions: IF=0.5A, IRM=1.0A, IR(REC) = 0.25A per MIL-STD-750,
Method 4031, Condition B.
NOTE 2: High Current Reverse Recovery Time Test Conditions: IF = 2 A, di/dt=100 A/µs MIL-STD-750, Method 4031,
Condition D.
SYMBOLS & DEFINITIONS
Symbol
Definition
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating
temperature range.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Reverse Current: The maximum reverse (leakage) current that will flow at the specified voltage and
temperature.
C
Capacitance: The capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in
picofarads.
trr
Reverse Recovery Time: The time interval between the instant the current passes through zero when
changing from the forward direction to the reverse direction and a specified recovery decay point after a peak
reverse current is reached.
CHARTS AND GRAPHS
FIGURE 1
FIGURE 2
Typical Forward Current
Typical Forward Current
vs
vs
Forward Voltage
Forward Voltage
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2004
12-03-2004 REV A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com