Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSD Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACSD
Description  5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACSD Datasheet(HTML) 1 Page - Abracon Corporation

  ACSD Datasheet HTML 1Page - Abracon Corporation ACSD Datasheet HTML 2Page - Abracon Corporation ACSD Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APPLICATIONS:
ADDITIONAL BENEFITS:
• Medical
• Reduce emissions up to 20 dB.
• Printers
• Systemic approach to EMI.
• Scanners
• Highly cost effective compared to other methods.
• Modems
• Eliminate need for individual node suppression.
• Telecommunications
• Eliminate need for expensive shielding.
• Aerospace
• Reduce component count.
• Copier
• Reduce PCB layer count.
• Automotive
• Drop-in replacement for 8 pin DIP packages.
FEATURES:
• Integrated Spread Spectrum technology
• Standard TTL or HCMOS output.
• Meets clock jitter requirements for all major
CISC, RISC and DSP processors
• Wide frequency range from 4 MHz to 128 MHz.
5.0VDC or 3.3VDC • 8 PIN DIP • HCMOS/ TTL
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
ACSD and ACSDL
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@ abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
5th Harmonic of 96 MHz
15.7dB EMI reduction
CENTER
480.00 MHz
MKR 1.05 MHz
-15.66 dB
Rev. 2.4
05/2003
ABRACON
®
CORPORA TION
MECHANICAL DIMENSIONS:
PIN CONFIGURATION:
Pin Number
Function
1
NC
4
GND
5
OUTPUT
8
VDC
Table 1
Dimensions: Inches (mm)
13


Similar Part No. - ACSD

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
ACS-100-STD GSR-ACS-100-STD Datasheet
537Kb / 3P
7 Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
ACS-100-STD GSR-ACS-100-STD Datasheet
523Kb / 2P
10.1??Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
ACS-100-STD GSR-ACS-100-STD Datasheet
572Kb / 2P
15.6??Fanless Multi-touch Panel PC with Intel짰 CeleronTM J1900 Processor
ACS-100-STD GSR-ACS-100-STD Datasheet
491Kb / 2P
18.5??Fanless Multi-touch Panel PC with Intel짰 Core??i5-4300U Processor
ACS-100-STD GSR-ACS-100-STD Datasheet
455Kb / 2P
21.5" Fanless Multi-touch Panel PC with Intel짰 Core짰 i5-4300U 1.90 GHz Processor
More results

Similar Description - ACSD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ASSH ABRACON-ASSH Datasheet
132Kb / 2P
5.0VDC or 3.3VDC 8 PINDIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
ASSL1 ABRACON-ASSL1 Datasheet
166Kb / 3P
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
07.06.07
ASSO ABRACON-ASSO Datasheet
136Kb / 2P
5.0VDC or 3.3VDC 14 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASSL1 ABRACON-ASSL1_08 Datasheet
168Kb / 3P
TTL/CMOS SMD LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
1.04.08
ASSVP ABRACON-ASSVP Datasheet
879Kb / 3P
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
09.17.08
logo
Connor-Winfield Corpora...
H61AA CONNOR-WINFIELD-H61AA Datasheet
52Kb / 1P
3.3Vdc 8 PIN DIP HCMOS
logo
Abracon Corporation
ASSFLP ABRACON-ASSFLP Datasheet
1Mb / 3P
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
04.28.15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com