Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACSDL Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACSDL
Description  5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACSDL Datasheet(HTML) 2 Page - Abracon Corporation

  ACSDL Datasheet HTML 1Page - Abracon Corporation ACSDL Datasheet HTML 2Page - Abracon Corporation ACSDL Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5.0VDC or 3.3VDC • 8 PIN DIP • HCMOS/ TTL
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
ACSD and ACSDL
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@ abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard • All specifications and markings subject to change without notice
Rev. 2.4
05/2003
ABRACON
®
CORPORA TION
Table 2
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
ACSD
ACSDL
Conditions
Frequency Range
(Fo)
4.000 MHz – 128.000 MHz
Operating Temperature
(Topr)
-40
°C to +85°C (See Ordering Options)
Storage Temperature
(Tsto)
- 65
°C to +150°C
Frequency
Stability
vs.
Temp
(dF/Fo)
±100ppm max. (See Ordering Options)
Operating Supply Voltage (VDC)
5.0 VDC
3.3 VDC
+/-5 %
Operating Input Current (IDD)
30 mA max
Duty Cycle
45/55
% max
Rise Time
5.0 ns.
3.5 ns.
15 pF
Fall Time
5.0 ns.
3.5 ns.
15 pF
Output Voltage
(VOH/VOL)
3.0VDC min. / 0.4 VDC max.
+25
°C
Start-up Time
10 ms max. 3 ms typ.
Aging
+/- 5ppm max. /year
Jitter (CCJ1)
625 ps typical
F = 4 MHz
Jitter (CCJ2)
225 ps typical
F = 8 MHz
Jitter (CCJ3)
125 ps typical
F = 32 MHz
Jitter (CCJ4)
135 ps typical
F = 64 MHz
Jitter (CCJ5)
180 ps typical
F = 128 MHz
Output Load
10-LSTTL or 15 pF
Bandwidth Accuracy
+/- 10%
FACTORY BANDWIDTH SELECTION
FREQ.
(MHz)
CENTER SPREAD
(%)
DOWN SPREAD
(%)
MODULATION
RATE (kHz)
ORDER
OPTION
C1
C2
C3
C4
D1
D2
D3
D4
4 – 5
±1.4
±1.2
±0.6
±0.5
-3.0
-2.2
-1.9
-0.7
31.25 – 39.06 kHz
5 - 6
±1.3
±1.1
±0.5
±0.4
-2.7
-1.9
-1.7
-0.6
39.06 – 46.88 kHz
6 - 7
±1.2
±0.9
±0.5
±0.4
-2.5
-1.8
-1.5
-0.6
46.88 – 54.69 kHz
7 - 8
±1.1
±0.9
±0.4
±0.3
-2.3
-1.7
-1.4
-0.5
54.69 – 62.50 kHz
8 – 10
±1.4
±1.2
±0.6
±0.5
-3.0
-2.2
-1.9
-0.7
31.25 – 39.06 kHz
10 - 12
±1.3
±1.1
±0.5
±0.4
-2.7
-1.9
-1.7
-0.6
39.06 – 46.88 kHz
12 – 14
±1.2
±0.9
±0.5
±0.4
-2.5
-1.8
-1.5
-0.6
46.88 – 54.69 kHz
14 - 16
±1.1
±0.9
±0.4
±0.3
-2.3
-1.7
-1.4
-0.5
54.69 – 62.50 kHz
16 – 20
±1.4
±1.2
±0.6
±0.5
-3.0
-2.2
-1.9
-0.7
31.25 – 39.06 kHz
20 - 24
±1.3
±1.1
±0.5
±0.4
-2.7
-1.9
-1.7
-0.6
39.06 – 46.88 kHz
24 – 28
±1.2
±0.9
±0.5
±0.4
-2.5
-1.8
-1.5
-0.6
46.88 – 54.69 kHz
28 - 32
±1.1
±0.9
±0.4
±0.3
-2.3
-1.7
-1.4
-0.5
54.69 – 62.50 kHz
32 – 40
±1.4
±1.2
±0.6
±0.5
-3.0
-2.2
-1.9
-0.7
31.25 – 39.06 kHz
40 - 48
±1.3
±1.1
±0.5
±0.4
-2.7
-1.9
-1.7
-0.6
39.06 – 46.88 kHz
48 – 56
±1.2
±0.9
±0.5
±0.4
-2.5
-1.8
-1.5
-0.6
46.88 – 54.69 kHz
56 - 64
±1.1
±0.9
±0.4
±0.3
-2.3
-1.7
-1.4
-0.5
54.69 – 62.50 kHz
64 - 80
±1.4
±1.2
±0.6
±0.5
-3.0
-2.2
-1.9
-0.7
31.25 – 39.06 kHz
80 - 96
±1.3
±1.1
±0.5
±0.4
-2.7
-1.9
-1.7
-0.6
39.06 – 46.88 kHz
96 - 112
±1.2
±0.9
±0.5
±0.4
-2.5
-1.8
-1.5
-0.6
46.88 – 54.69 kHz
112 - 128
±1.1
±0.9
±0.4
±0.3
-2.3
-1.7
-1.4
-0.5
54.69 – 62.50 kHz
Table 3
FACTORY BANDWIDTH SELECTION
STANDARD ELECTRICAL SPECIFICATIONS
14



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com