Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC20F Datasheet(PDF) 8 Page - Texas Instruments

Part # CD54HC20F
Description  CDx4HC20 Dual 4-Input NAND Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC20F Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54HC20F Datasheet HTML 4Page - Texas Instruments CD54HC20F Datasheet HTML 5Page - Texas Instruments CD54HC20F Datasheet HTML 6Page - Texas Instruments CD54HC20F Datasheet HTML 7Page - Texas Instruments CD54HC20F Datasheet HTML 8Page - Texas Instruments CD54HC20F Datasheet HTML 9Page - Texas Instruments CD54HC20F Datasheet HTML 10Page - Texas Instruments CD54HC20F Datasheet HTML 11Page - Texas Instruments CD54HC20F Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8 Detailed Description
8.1 Overview
This device contains two independent 4-input NAND gates. Each gate performs the Boolean function
Y = A ● B ● C ● D in positive logic.
8.2 Functional Block Diagram
xA
xB
xY
xC
xD
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
A balanced output allows the device to sink and source similar currents. The drive capability of this device
may create fast edges into light loads so routing and load conditions should be considered to prevent ringing.
Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without
being damaged. It is important for the output power of the device to be limited to avoid damage due to
over-current. The electrical and thermal limits defined in the Section 6.1 must be followed at all times.
The CD74HC20 can drive a load with a total capacitance less than or equal to the maximum load listed in the
Section 6.6 connected to a high-impedance CMOS input while still meeting all of the datasheet specifications.
Larger capacitive loads can be applied, however it is not recommended to exceed the provided load value. If
larger capacitive loads are required, it is recommended to add a series resistor between the output and the
capacitor to limit output current to the values given in the Section 6.1.
8.3.2 Standard CMOS Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor from the input to ground
in parallel with the input capacitance given in the Section 6.5. The worst case resistance is calculated with the
maximum input voltage, given in the Section 6.1, and the maximum input leakage current, given in the Section
6.5, using ohm's law (R = V ÷ I).
Signals applied to the inputs need to have fast edge rates, as defined by the input transition time in the Section
6.3 to avoid excessive current consumption and oscillations. If a slow or noisy input signal is required, a device
with a Schmitt-trigger input should be used to condition the input signal prior to the standard CMOS input.
CD74HC20, CD54HC20
SCHS130D – AUGUST 1997 – REVISED MAY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CD74HC20 CD54HC20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com