Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RTFQ1A-433P Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # FM-RTFQ1A-433P
Description  FM Transmitter & Receiver Hybrid Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RTFQ1A-433P Datasheet(HTML) 4 Page - rfsolutions.ltd

  FM-RTFQ1A-433P Datasheet HTML 1Page - rfsolutions.ltd FM-RTFQ1A-433P Datasheet HTML 2Page - rfsolutions.ltd FM-RTFQ1A-433P Datasheet HTML 3Page - rfsolutions.ltd FM-RTFQ1A-433P Datasheet HTML 4Page - rfsolutions.ltd FM-RTFQ1A-433P Datasheet HTML 5Page - rfsolutions.ltd FM-RTFQ1A-433P Datasheet HTML 6Page - rfsolutions.ltd FM-RTFQ1A-433P Datasheet HTML 7Page - rfsolutions.ltd FM-RTFQ1A-433P Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FM Transmitter & Receiver Modules
DS-070-9
RRFQ1 Mechanical Details
Com ponent Side
1
3
38.1mm
18.1mm
2.54mm
7
11
15
Pin Dim ensions :
0.25m m x 0.50m m
2.40mm
Receiver Part Numbering
The following parts are UK manufactured
Tolerance + 0.2 / - 0.0mm
(Legs may be tinned during manufacture)
Receiver Block Diagram
GND
GND
Vcc
GND
Pre Amp
Filter
Out
Mixer
10.7MHz
IF Filter
FM
Demodulator
Comparator
PLL
Synthesizer
Vcc
In
433MHz Receiver Modules
Part Number
Description
FM-RRFQ1-433P
SIL Module
433MHz Receiver Modules
Part Number
Description
FM-RRFQ1C-433P
SIL Module
The following parts are Manufactured in Asia
Note: These modules are manufactured in ASIA with the sole purpose of reducing costs.
(the soldering of the legs is a manual process and therefore lower cost.
The modules are built to the same design, layout and tested to the same level providing a
finished product with the same RF performance.
There is a difference in the dimension of the legs used. For ASIAN manufacture products
the leg dimensions are 0.25 x 0.4mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com