Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW28N60M2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW28N60M2
Description  N-channel 600 V, 0.135 Ω typ., 22 A MDmesh™ M2 Power MOSFETs in D²PAK, I²PAK, TO-220 and TO-247
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW28N60M2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW28N60M2 Datasheet HTML 13Page - STMicroelectronics STW28N60M2 Datasheet HTML 14Page - STMicroelectronics STW28N60M2 Datasheet HTML 15Page - STMicroelectronics STW28N60M2 Datasheet HTML 16Page - STMicroelectronics STW28N60M2 Datasheet HTML 17Page - STMicroelectronics STW28N60M2 Datasheet HTML 18Page - STMicroelectronics STW28N60M2 Datasheet HTML 19Page - STMicroelectronics STW28N60M2 Datasheet HTML 20Page - STMicroelectronics STW28N60M2 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STB28N60M2, STI28N60M2, STP28N60M2,
STW28N60M2
20/21
DocID025254 Rev 4
5
Revision history
Table 14: Document revision history
Date
Revision
Changes
13-Sep-2013
1
First release.
29-Jan-2014
2
– Modified: title, ID value and features in cover page
– Modified: ID, IDM and PTOT values in Table 2
– Modified: note 2
– Modified: Rthj-case value in Table 3
– Modified: the entire typical values in Table 4, 6, 7 and 8
– Modified: RDS(on) typical value in Table 5
– Modified: Figure 9 and 10
– Added: Section 4: Package information
– Minor text changes
09-Feb-2015
3
– Updated title and description
– Updated Table 2.: Absolute maximum ratings and Table 4.:
Avalanche characteristics
– Updated Figure 5.: Thermal impedance for TO-247 and Figure 6.:
Output characteristics
– Updated 4: Package information
– Minor text changes.
14-Mar-2017
4
Added part number STI28N60M2.
Updated title, silhouette, features and Table 1: "Device summary" in
cover page.
Updated Table 3: "Thermal data" and Section 4: "Package
information".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com