Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1013-03 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # SD1013-03
Description  RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1013-03 Datasheet(HTML) 2 Page - Advanced Power Technology

  SD1013-03 Datasheet HTML 1Page - Advanced Power Technology SD1013-03 Datasheet HTML 2Page - Advanced Power Technology SD1013-03 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSCXXXX.PDF 08-12-02
SD1013-03
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC = 200 mA
IE = 0 mA
65
---
---
V
BVCES
IC = 200 mA
VBE = 0 V
65
---
---
V
BVCEO
IC = 200 mA
IB = 0 mA
35
---
---
V
BVEBO
IE = 10 mA
IC = 0 mA
4.0
---
---
V
ICBO
VCB = 30 V
IE = 0 mA
---
---
1.0
mA
HFE
VCE = 5 V
IC = 200 mA
10
---
200
---
DY
DYNAMIC
NAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 150 MHz
PIN = 1.0W
VCE = 28V
10
---
---
W
GP
f = 150 MHz
PIN = 1.0W
VCE = 28V
10
---
---
dB
COB
f = 1 MHz
VCB = 30V
---
---
15
pF
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
150 MHz
3.0 + j0.5
31 + j19
PIN = 1.0W
VCC = 28V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com