Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AICT-LP Datasheet(PDF) 1 Page - Abracon Corporation

Part # AICT-LP
Description  POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AICT-LP Datasheet(HTML) 1 Page - Abracon Corporation

  AICT-LP Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
POWER INDUCTORS
POWER INDUCTORS
POWER INDUCTORS
AICT-LP (VM) SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
Dimension: inch/mm
AICT-VM-XXX
AICT-LP-XXX
• IDC rated for 40°C temperature rise @ low Etop.
• Derate current 20% at this Etop
• Operating Temperature: -40°C to +125°C
• Dimension: LP = Low Profile, VM = Vertical Mount
Note: All specifications subject to change
without notice. RoHS Compliance Product,
label on box.
Part #
L (µH)
20KHz
RDC
IDC
Energy
AICT-LP
±20%
Test (mV)
Max
Storage
AICT-VM
No DC
(Ω)
(A)
1
(µJ)
1
151
145
110
0.42
1.70
215
221
226
140
0.42
1.50
240
331
316
170
0.78
1.00
165
471
480
210
1.26
0.90
190
681
690
250
1.50
0.85
245
821
780
270
2.40
0.75
230
102
975
300
2.60
0.50
125
680
68
100
0.25
2.50
150


Similar Part No. - AICT-LP

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AIC ARCH-AIC Datasheet
162Kb / 2P
Switching Power Module for PCB Mountable
AIC-12S ARCH-AIC-12S Datasheet
162Kb / 2P
Switching Power Module for PCB Mountable
AIC-15S ARCH-AIC-15S Datasheet
162Kb / 2P
Switching Power Module for PCB Mountable
AIC-24S ARCH-AIC-24S Datasheet
162Kb / 2P
Switching Power Module for PCB Mountable
logo
PREMO CORPORATION S.L
AIC-2P-150-23 PREMO-AIC-2P-150-23 Datasheet
431Kb / 4P
High Energy Storage Chokes for inverter Applications
More results

Similar Description - AICT-LP

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com