Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL60MP Datasheet(PDF) 2 Page - Weller Tools

Part # BL60MP
Description  BL60MP Cordless Soldering Iron with Rechargeable Lithium-Ion Battery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

BL60MP Datasheet(HTML) 2 Page - Weller Tools

  BL60MP Datasheet HTML 1Page - Weller Tools BL60MP Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BL10 tip
BL11 tip
BL12 tip
Safe base
Stable, heat-shielded
base with built-in
side tool stand
Extra tips
Additional tips
available separately
to expand your
applications
LED illumination
Now you can see what
you’re soldering
Convenient switch
Power on/off finger switch
easy to operate
Ergonomic
Round, co-molded handle
designed for comfort
Tip storage
3 convenient holes to
store your tips
LED operating indicator
Red = Power is on
Green = Ready to solder
Rechargeable battery
power supply
100–240V, 50/60Hz Plug-in
power supply to recharge your
long life lithium-ion battery
Product Information
Applications
›› Micro-components›
›› Electronic›kits›
›› Low›voltage›wiring
›› PCBs›
›› Radio-controlled›
›› Indoor›lighting
›› Hobby›models›
›› Small›appliance›
›› Small›engine›
›› Repair
›› Crafts
›› Audio›systems›
›› Electrical
›› Marine
›› Jewelry›
›› Automotive
●
◓
◓
◓
● Recommended ◓ Acceptable
*NOT›RECOMMENDED›FOR:›heat›sink,›ground›plane,›metal›art,›plumbing
www.weller-tools.com
Weller® is a registered trademark of Apex Brands, Inc. | ATG-3416 Specifications subject to change without notice.
BL60MP Kit
Order no.
BL60MP Cordless Soldering Iron
with rechargeable lithium-ion battery
and BL10 conical tip 0.031 in / 0,8 mm
BL60MP
Accessories
Order no.
Conical tip 0.031 in / 0,8 mm
BL10
Chisel tip 0.125 in / 3,1mm
BL11
Conical tip 0.047 in / 1,2mm
BL12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com