Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1935/4 Datasheet(PDF) 1 Page - Alpha Wire

Part # 1935/4
Description  EU Low Voltage Directive 2014/35/EC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1935/4 Datasheet(HTML) 1 Page - Alpha Wire

  1935/4 Datasheet HTML 1Page - Alpha Wire 1935/4 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 1935/4
Applicable Specifications
1) UL
SOOW
90°C Dry / 60°C Wet / 600 VRMS
2) CSA International
C(UL) SOOW
90°C Dry / 60°C Wet / 600 VRMS
C(UL) FT2
3) CE
EU Low Voltage Directive 2014/35/EC
Other
Packaging
Flange x Traverse x Barrel (inches)
a) 250 FT
12 x 10 x 5 Continuous Length
Spool dimensions may vary slightly.
www.alphawire.com
Alpha Wire
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and
specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and
specifications does not ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express,
statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary) whatsoever, even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence
or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
ALPHA WIRE - CONFIDENTIAL AND PROPRIETARY Notice to persons receiving this document and/or technical information. This document
is confidential and is the exclusive property of ALPHA WIRE, and is merely on loan and subject to recall by ALPHA WIRE at any time. By
taking possession of this document, the recipient acknowledges and agrees that this document cannot be used in any manner adverse to
the interests of ALPHA WIRE, and that no portion of this document may be copied or otherwise reproduced without the prior written
consent of ALPHA WIRE. In the case of conflicting contractual provisions, this notice shall govern the status of this document. ©2024
ALPHA WIRE - all rights reserved.


Similar Part No. - 1935/4

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1935/3 ALPHAWIRE-1935/3 Datasheet
98Kb / 4P
Customer Specification
12/12/2022
More results

Similar Description - 1935/4

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
AXH010A0F5 LINEAGEPOWER-AXH010A0F5 Datasheet
376Kb / 15P
Compatible with RoHS EU Directive 200295/EC (-Z Versions)
logo
Pan Jit International I...
1N5347BS PANJIT-1N5347BS Datasheet
91Kb / 4P
Lead free in compliance with EU RoHS 2011/65/EU directive
PJE5UQFN10A PANJIT-PJE5UQFN10A Datasheet
181Kb / 5P
Lead free in compliance with EU RoHS 2011/65/EU directive
logo
Amphenol Corporation
P-MUSB-2K15-0X5BP AMPHENOL-P-MUSB-2K15-0X5BP Datasheet
49Kb / 1P
PART IS RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS
logo
ZIEHL industrie-elektro...
MS220KA ZIEHL-MS220KA Datasheet
394Kb / 1P
PTC-Resistor-Relay Type MS(R)220KA Single PTC-Circuit, ATEX-Approval according to Directive 2014/34/EU
MS220VA ZIEHL-MS220VA Datasheet
513Kb / 1P
PTC-Resistor-Relay Type MS(R)220VA Single PTC-Circuit, Atex-Approval according to Directive 2014/34/EU
MS220VI ZIEHL-MS220VI Datasheet
377Kb / 2P
PTC-Resistor-Relay Type MS(R)220Vi Atex-Approval according to Directive 2014/34/EU, intrinsic safe input
logo
AUREL S.p.A.
650201461G AUREL-650201461G Datasheet
1Mb / 1P
433.92 Mhz superhet receiver RED compliant (Radio Equipment Directive 2014/53/EU) Band pass filtered Super Het OOK Receiver
05.06.2019 - Rev A
650201472G AUREL-650201472G Datasheet
1Mb / 1P
433.92 Mhz superhet receiver RED compliant (Radio Equipment Directive 2014/53/EU) Band pass filtered Super Het OOK Receiver
26.04.2018 - Rev A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com