Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0805 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-0805
Description  SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0805 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-0805 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
L (nH)
Q
L. Test Q Test SRF
RDC
IDC
Part
L (nH)
Q
L. Test Q Test SRF
RDC
IDC
Number*
Min
Freq
Freq
Min
Max
Max
Number*
Min
Freq
Freq
Min
Max
Max
AISC-0805(L)
(MHz) (MHz) (MHz)
Ω
(mA)
( )
AISC-0805F(L)
(MHz) (MHz) (MHz)
(mA)
R0022M
2.2
40
250
1500 >8000 0.10
600
R27K
270
30
100
100
850 0.50
420
R0027M
2.7
40
250
1500 >8000 0.05
600
R33K
330
35
100
100
630 0.60
400
R0033M
3.3
30
250
1500 >8000 0.08
600
R39K
390
35
100
100
580 0.66
350
R0047M
4.7
60
250
1500 >6000 0.04
600
R47K
470
35
100
100
530 0.72
300
R0056M
5.6
50
250
1000
5500 0.10
600
R56K
560
35
25
100
520 0.81
280
R0068M
6.8
50
250
1000
5000 0.14
600
R68K
680
30
25
100
360 0.86
250
R0082M
8.2
50
250
1000
4800 0.19
600
R82K
820
30
25
100
300 0.92
240
R010M
10
50
250
500
4500 0.14
600
R91K
910
28
25
100
280 0.98
240
R012M
12
50
250
500
4100 0.15
600
1R0K
1000
26
7.9
25
260 1.08
250
R015M
15
50
250
500
2900 0.17
600
1R2K
1200
26
7.9
25
210 1.13
220
R018M
18
50
250
500
3300 0.20
600
1R5K
1500
25
7.9
25
200 1.73
200
R022M
22
55
250
500
2600 0.22
500
1R8K
1800
23
7.9
25
160 2.15
180
R027M
27
60
250
500
2500 0.25
500
2R2K
2200
22
7.9
25
150 2.40
130
R033K
33
60
250
500
2200 0.27
500
2R7K
2700
10
7.9
7.9
220 2.75
120
R039K
39
60
250
500
2100 0.29
500
3R3K
3300
10
7.9
7.9
190 2.95
100
R047K
47
60
200
500
1750 0.31
500
R056K
56
60
200
500
1650 0.32
500
R068K
68
60
200
500
1500 0.38
500
R082K
82
60
150
500
1400 0.42
400
R10K
100
60
150
500
1200 0.46
400
R12K
120
50
150
250
1200 0.51
400
R15K
150
50
100
250
1000 0.56
400
R18K
180
50
100
250
950 0.64
400
R22K
220
45
100
250
850 0.70
400
R27K
270
40
100
250
680 1.00
350
R33K
330
40
100
250
660 1.40
310
R39K
390
35
100
250
560 1.50
290
R47K
470
33
50
100
430 1.72
250
R56K
560
23
25
50
350 1.90
230
R62K
620
23
25
50
330 1.95
200
R68K
680
23
25
50
300 2.05
190
R75K
750
23
25
50
280 2.10
180
R82K
820
23
25
50
250 2.30
180
R91K
910
22
25
50
230 2.40
160
1R0K
1000
20
25
50
200 2.50
150
Ω
( )
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-0805, 0805L, 0805F, 0805FL SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
Dimension: inch/mm
Standard Dimension: With Cap
L Dimension: Without Cap
• Ordering Code: AISC-O805(F)(L)-XXX(Value)
-(S)(J)(K)-(G)(S)(T)
• F = ferrite base, L = without cap
• (G)(S)(T): G=Gold Plated, S=Solder Plated,
T= Tape and Reel
• Tolerance: S=±0.3nH, G=±2%, J=±5%, K=±10%
• Check SCD for detail available tolerance
• Letter suffix indicates standard tolerance
• Operating Temperature: -40°C to +125°C
Note: All specifications subject to change
without notice.
OPTIONS:
• Tape & Reel is standard
• Add L for no Cap, F for Ferrite Base
• Add G for Gold Plated Terminal
• Add S for Solder Plated Terminal
FEATURES:
• Construction: Ceramic or Ferrite
• Excellent SRF
• High Frequency Design
• Excellent Q values
APPLICATIONS:
• Wireless Communications Equipment
• Networking System
• Computer Products and Peripherals


Similar Part No. - AISC-0805

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0805(F) ABRACON-AISC-0805(F) Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
04.15.11
AISC-0805-1R0 ABRACON-AISC-0805-1R0 Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
04.15.11
AISC-0805-1R0 ABRACON-AISC-0805-1R0 Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
AISC-0805-F ABRACON-AISC-0805-F Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
AISC-0805-R0022 ABRACON-AISC-0805-R0022 Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
04.15.11
More results

Similar Description - AISC-0805

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1008 ABRACON-AISC-1008 Datasheet
92Kb / 1P
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-0402 ABRACON-AISC-0402 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0402 package
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 0603 package
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0805 package
555-1008 CAMBION-555-1008 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 1008 package
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com