Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6059/19C Datasheet(PDF) 2 Page - Alpha Wire

Part # 6059/19C
Description  22 (7/30) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6059/19C Datasheet(HTML) 2 Page - Alpha Wire

  6059/19C Datasheet HTML 1Page - Alpha Wire 6059/19C Datasheet HTML 2Page - Alpha Wire 6059/19C Datasheet HTML 3Page - Alpha Wire 6059/19C Datasheet HTML 4Page - Alpha Wire 6059/19C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Diameter ("in")
1) Component 1
19 x 1 PAIR
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.016" Wall, Nom. PVC
0.062
(1) Color Code
Alpha Wire Color Code A
Pair Color
Pair Color
Pair Color
1
BLACK-RED 8
RED-GREEN 15
GREEN-
WHITE
2
BLACK-
WHITE
9
RED-WHITE 16
GREEN-
BROWN
3
BLACK-
GREEN
10
RED-BLUE
17
GREEN-
ORANGE
4
BLACK-
BLUE
11
RED-
YELLOW
18
GREEN-
YELLOW
5
BLACK-
BROWN
12
RED-
BROWN
19
WHITE-
BLUE
6
BLACK-
YELLOW
13
RED-
ORANGE
7
BLACK-
ORANGE
14
GREEN-
BLUE
c) Pair
2/Cond Cabled Together
(1) Twists
6.9 Twists/foot (min.)
Individually Applied
d) Shield
Foil Free Alum/Mylar Tape, 25% Overlap (min.)
(1) Foil Direction
Foil Facing In
(2) Drain Wire
22 (7/30) AWG Tinned Copper
2) Cable Assembly
19 Components Cabled
a) Twists
1.4 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap (min.)
3) Jacket
0.063" Wall, Nom. PVC
0.698 (0.727 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6059/19C 19PR 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464 OR C(UL)
75C TYPE CMG FT4 CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.
Applicable Specifications
1) UL
AWM/STYLE 2464
80°C / 300 VRMS
CM
75°C
VW-1
2) CSA International
CMG
75°C
FT4
3) CE
EU Low Voltage Directive 2014/35/EU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com