Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6087C Datasheet(PDF) 1 Page - Alpha Wire

Part # 6087C
Description  24 (7/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6087C Datasheet(HTML) 1 Page - Alpha Wire

  6087C Datasheet HTML 1Page - Alpha Wire 6087C Datasheet HTML 2Page - Alpha Wire 6087C Datasheet HTML 3Page - Alpha Wire 6087C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 6087C
Construction
Diameter ("in")
1) Component 1
7 x 1 PAIR
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.010" Wall, Nom. Polyethylene, High-Density
0.044
(1) Color Code
Alpha Wire Color Code M
Pair Color
Pair Color
Pair Color
1
BLUE/WHITE
-
WHITE/BLUE
4
BROWN/WHITE
-
WHITE/BROWN
7
ORANGE/RED
-
RED/ORANGE
2
ORANGE/WHITE
-
WHITE/ORANGE
5
SLATE/WHITE
-
WHITE/SLATE
3
GREEN/WHITE
-
WHITE/GREEN
6
BLUE/RED -
RED/BLUE
c) Pair
2/Cond Cabled Together
(1) Twists
2 - 6 Twists/foot (approx.)
2) Cable Assembly
7 Components Cabled
a) Twists
3.7 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap (min.)
3) Shield
A/P/A Tape, 25% Overlap (min.)
a) Drain Wire
24 (7/32) AWG Tinned Copper
4) Jacket
0.035" Wall, Nom. PVC
0.297 (0.314 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6087C 7PR 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2919 LOW
VOLTAGE
COMPUTER CABLE --- LLXXXXXX CSA TYPE CMG 60C FT4
CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.


Similar Part No. - 6087C

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6087 POMONA-6087 Datasheet
26Kb / 2P
Field Service Kit, Red, ESD
logo
JUMO UK LTD
608730 JUMOUKLTD-608730 Datasheet
194Kb / 7P
Process Connections for Dial Thermometers
2011-11-09
608740 JUMOUKLTD-608740 Datasheet
351Kb / 8P
JUMO dicoTEMP 100 Smart tube for temperature measurement
2020-10-01
logo
TE Connectivity Ltd
60878-2 TEC-60878-2 Datasheet
55Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6087C

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Molex Electronics Ltd.
0082247707 MOLEX1-0082247707_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 7 circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com