Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1008 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-1008
Description  SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1008 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-1008 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R0047K
R0056K
R010K
R012K
R015K
R018K
R022K
R027K
R030K
R033K
R039K
R047K
R056K
R068K
R082K
R10K
R12K
R15K
R18K
R22K
R27K
R33K
R39K
R47K
R56K
R62K
R68K
R75K
R82K
R91K
1R0K
1R2K
1R5K
1R8K
2R2K
2R7K
3R3K
3R9K
4R7K
5R6K
6R8K
8R2K
A
B
C
D
AISC-1008F
0.110
0.080
(2,80)
0.104
(0,50)
AISC-1008
AISC-1008L
AISC-1008FL
(2,03)
0.020
(2,65)
0.102
0.044
(2,60)
0.099
(0,50)
(2,03)
0.020
(2,50)
Part
L (nH)
Q
L. Test Q Test SRF
RDC
IDC
Number*
Min
Freq
Freq
Min
Max
Max
AISC-1008(L)
(MHz) (MHz) (MHz)
Ω
(mA)
( )
AISC-1008F(L)
(Max)
(Max)
(Max)
(Max)
1R2K
1R5K
1R8K
2R2K
2R7K
3R3K
3R9K
4R7K
5R6K
6R8K
8R2K
100K
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
48
41
39
34
34
32
32
31
31
31
23
31
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
50
50
50
50
50
50
25
25
7.9
7.9
7.9
7.9
210
190
170
150
135
120
105
90
80
70
65
60
0.68
0.76
0.84
1.10
1.28
1.46
1.56
1.68
1.82
2.00
2.65
2.95
650
630
600
520
490
450
420
400
380
360
330
300
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-1008, 1008L, 1008F, 1008FL SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
Dimension: inch/mm
Standard Dimension: With Cap
L Dimension: Without Cap
• Ordering Code: AISC-1008(F)(L)-XXX(Value)
-(J)(K)-(G)(S)(T)
• F = ferrite base, L = without cap
• (G)(S)(T): G=Gold Plated, S=Solder Plated,
T= Tape and Reel
• Tolerance: G=±2%, J=±5%, K=±10%
• Check SCD for detail available tolerance
• Letter suffix indicates standard tolerance
• Operating Temperature: -40°C to +125°C
Note: All specifications subject to change
without notice.
4.7
5.6
10
12
15
18
22
27
30
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
620
680
750
820
910
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
60
55
55
65
55
60
60
60
60
70
70
70
70
65
65
60
60
50
50
50
50
50
50
50
50
50
50
45
45
40
35
35
28
28
28
22
22
20
20
20
20
20
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
1500
1500
500
500
500
350
350
350
350
350
350
350
350
350
350
350
350
100
100
100
100
100
100
100
100
100
100
100
100
50
50
50
50
50
50
25
25
25
25
25
25
25
>6000
>6000
4100
3400
2600
2600
2400
1700
1700
1700
1600
1600
1400
1200
1000
1000
1000
850
800
700
700
600
500
500
450
415
375
360
350
320
290
250
200
160
160
140
110
100
90
80
70
60
0.11
0.14
0.08
0.09
0.13
0.11
0.12
0.13
0.14
0.14
0.15
0.16
0.18
0.21
0.22
0.56
0.63
0.62
0.70
0.80
0.91
1.05
1.12
1.19
1.33
1.40
1.47
1.54
1.61
1.68
1.75
2.00
2.30
2.60
2.80
3.20
3.40
3.60
4.00
5.70
7.70
10.7
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
650
650
580
620
500
500
450
470
470
400
300
400
360
400
380
370
310
330
300
280
290
290
260
260
240
200
150
OPTIONS:
• Tape & Reel is standard
• Add L for no Cap, F for Ferrite Base
• Add G for Gold Plated Terminal
• Add S for Solder Plated Terminal
FEATURES:
• Construction: Ceramic or Ferrite
• Excellent SRF
• High Frequency Design
• Excellent Q values
APPLICATIONS:
• Wireless Communications Equipment
• Networking System
• Computer Products and Peripherals


Similar Part No. - AISC-1008

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1008(F) ABRACON-AISC-1008(F) Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
AISC-1008-1R0 ABRACON-AISC-1008-1R0 Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
AISC-1008-1R0 ABRACON-AISC-1008-1R0 Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
AISC-1008-1R2 ABRACON-AISC-1008-1R2 Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
AISC-1008-1R2 ABRACON-AISC-1008-1R2 Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
More results

Similar Description - AISC-1008

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0805 ABRACON-AISC-0805 Datasheet
231Kb / 1P
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-0402 ABRACON-AISC-0402 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
Wire Wound Chip Inductors
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0402 package
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 0603 package
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0805 package
555-1008 CAMBION-555-1008 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 1008 package
logo
Taiyo Yuden (U.S.A.), I...
LB2016T100M TAIYO-YUDEN-LB2016T100M Datasheet
143Kb / 1P
Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com