Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0402 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-0402
Description  SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0402 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-0402 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part
L (nH)
Q Min
SRF
RDC
IDC
Part
L (nH)
%
L Test Q Q Test SRF RDC IDC
Number
@
@
Min
Max
Max
Number
Tol
Freq
Min Freq
Min
Max Max
AISC-0402- 100MHz 800MHz
(MHz)
Ω
(mA)
( )
AISC-0603-
Avail
(MHz)
(MHz) (MHz) ( Ω ) (mA)
1N0S
1.0
21
6000
0.05
400
R0018
1.8
K,M
250
16
250 >6000 0.045 700
1N2S
1.2
21
6000
0.06
400
R0033
3.3
J,K,M
250
35
250 >6000 0.038 700
1N5S
1.5
21
6000
0.07
400
R0039
3.9
K,M
250
20
250 >6000 0.080 700
1N8S
1.8
21
6000
0.08
400
R0047
4.7
J,K,M
250
10
250 >6000 0.200 700
2N2S
2.2
21
6000
0.09
400
R0051
5.1
J,K,M
250
20
250 >5700 0.180 700
2N7S
2.7
21
5500
0.10
400
R0056
5.6
J,K,M
250
25
250 >6000 0.100 700
3N3S
3.3
21
5500
0.12
400
R0062
6.2
J,K,M
250
25
250
5800 0.100 700
3N9S
3.9
20
5200
0.15
360
R0068
6.8
K,M
250
25
250
5800 0.110 700
4N7S
4.7
20
4800
0.17
360
R0075
7.5
J,K,M
250
30
250
5700 0.120 700
5N6S
5.6
19
4600
0.19
340
R0082
8.2
J,K,M
250
31
250
5700 0.120 700
6N8J
6.8
19
4000
0.30
320
R0087
8.7
J,K,M
250
23
250
4800 0.120 700
8N2J
8.2
19
3500
0.35
320
R0095
9.5
J,K,M
250
28
250
5400 0.135 700
10NJ
10
19
2800
0.41
320
R010
10
G,J,K,M
250
30
250
4800 0.150 700
12NJ
12
19
2800
0.45
320
R011
11
J,K,M
250
30
250
4500 0.135 700
15NJ
15
19
2500
0.60
240
R012
12
G,J,K,M
250
30
250
4000 0.140 700
18NJ
18
19
2200
0.70
240
R015
15
G,J,K,M
250
30
250
4000 0.170 700
22NJ
22
19
2000
0.80
200
R018
18
G,J,K,M
250
30
250
3200 0.170 700
27NJ
27
19
1800
1.20
200
R022
22
G,J,K,M
250
35
250
3000 0.190 700
33NJ
33
18
1800
1.40
170
R024
24
J,K,M
250
35
250
2650 0.220 700
39NJ
39
18
1800
1.70
150
R027
27
G,J,K,M
250
35
250
2800 0.220 600
47NJ
47
17
1800
2.10
140
R033
33
G,J,K,M
250
35
250
2300 0.220 600
56NJ
56
17
1500
2.50
130
R039
39
G,J,K,M
250
35
250
2200 0.250 600
68NJ
68
15
1500
4.00
120
R047
47
G,J,K,M
200
35
250
2100 0.280 600
82NJ
82
15
1400
4.50
110
R051
51
G,J,K,M
200
38
250
2100 0.280 700
R10J
100
14
1200
5.50
90
R056
56
G,J,K,M
200
35
250
2000 0.310 600
R068
68
G,J,K,M
200
35
250
1850 0.340 600
R072
72
G,J,K,M
150
35
250
1700 0.490 400
R082
82
G,J,K,M
150
35
250
1700 0.540 400
R10
100 G,J,K,M
150
35
250
1500 0.710 400
R11
110 G,J,K,M
150
35
250
1400 0.750 300
R12
120 G,J,K,M
150
35
250
1350 0.790 300
R15
150 G,J,K,M
150
28
150
1200 0.920 280
R18
180 G,J,K,M
100
25
100
1100
1.25 240
R22
220
J,K,M
100
25
100
1000
1.50 200
R27
270
J,K,M
100
25
100
860
1.80 170
R33
330
J,K,M
100
24
100
600
2.00 150
R39
390
J,K,M
100
23
100
460
2.10 120
A
B
C
D
(0,25±0,10)
AISC-0603
0.063±0.008
(1,60±0,20)
0.031±0.008
(0,80±0,20)
0.031±0.008
(0,80±0,20)
0.012±0.008
(0,30±0,20)
(0,50±0,15)
0.020±0.006
(0,50±0,015)
0.010±0.004
AISC-0402
0.040±0.006
(1,00±0,15)
0.020±0.006
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0402, AISC-0603 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
Dimension: inch/mm
• Ordering Code: AISC-XXXX(Size)-XXX(Value)
-(S)(J)(K)-T(Tape and Reel)
• Tolerance: S=±0.3nH, G=±2%, J=±5%, K=±10%
• Check SCD for detail available tolerance
• Letter suffix indicates standard tolerance
• Operating Temperature: -40°C to +125°C
Note: All specifications subject to change
without notice.
OPTIONS:
• Tape & Reel is standard
• Tolerance: J=5%, K=10% is standard
FEATURES:
• Construction: Ceramic
• High Frequency Design
APPLICATIONS:
• Wireless Communications
• Networking System


Similar Part No. - AISC-0402

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0402 ABRACON-AISC-0402 Datasheet
1Mb / 5P
Ceramic Wire Wound Inductors
1-21-21
AISC-0402-10N-J ABRACON-AISC-0402-10N-J Datasheet
1Mb / 5P
Ceramic Wire Wound Inductors
1-21-21
AISC-0402F ABRACON-AISC-0402F Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
AISC-0402F-18N ABRACON-AISC-0402F-18N Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
AISC-0402F-33N ABRACON-AISC-0402F-33N Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
More results

Similar Description - AISC-0402

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0805 ABRACON-AISC-0805 Datasheet
231Kb / 1P
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-1008 ABRACON-AISC-1008 Datasheet
92Kb / 1P
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0402 package
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 0603 package
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0805 package
555-1008 CAMBION-555-1008 Datasheet
42Kb / 2P
Chip inductors, wire wound, surface mount, 1008 package
logo
Frontier Electronics.
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com