Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR-90-R-R75-HN100 Datasheet(PDF) 3 Page - Luminus, Inc

Part # SBR-90-R-R75-HN100
Description  LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBR-90-R-R75-HN100 Datasheet(HTML) 3 Page - Luminus, Inc

  SBR-90-R-R75-HN100 Datasheet HTML 1Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 2Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 3Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 4Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 5Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 6Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 7Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 8Page - Luminus, Inc SBR-90-R-R75-HN100 Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
PDS-001540 Rev 17
© 2022 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
Product Family
Chip Area
Color
Package Configuration
Flux Bin
Chromaticity Bin
Surface Mount
(window)
9.0 mm2
W: White
<xx> Color Temperature
57: 5700K
65: 6500K
<y> CRI Category Code
S: CRI>65
Internal Code
See page 3 for bins
See page 3 for bins
SBT
90
W<xxy>
F71
FF
WW
Ordering Information
All SBT-90 products are packaged and labeled with their respective bin as outlined in the tables on pages 3 & 4. When shipped, each
package will only contain one bin. The part number designation is as follows:
SBT
90
R
F75
FF
WW
Product Family
Chip Area
Color
Package Configuration
Flux Bin
Wavelength Bin
Surface Mount
(window)
9.0 mm2
R: Red
Internal Code
See bins page
See bins page
Example:
The part number SBT-90-R-F75-BK-R4 refers to a red part, with a flux range of 600 - 770 lumens and a wavelength range of 619 nm to 623 nm.
SBT-90-R/W Product Datasheet
SBT-90-White
SBT-90-Red
Note 1: NA100 - denotes a bin kit comprising of all flux bins with a minimum flux of 1,590 lumens and chromaticity bins at the 6500K color point.
Note 2: For ordering information on all available bin kits, please see PDS-001788: SBT-90 Binning & Labeling document.
Note 3: Some flux and chromaticity bins may have limited availability. Application specific bin kits, consisting of multiple bins, may be available.
Ordering Part Number1,2
Color
Description
SBT-90-W57S-F71-NA100
5700K White
White SBT-90 consisting of a 9mm2 LED on ceramic substrate
SBT-90-W65S-F71-NA100
6500K White
SBR-90-W57S-R71-NA100
5700K White
SBR-90 evaluation module consisting of a SBT-90 surface mount device mounted
on an aluminum star board
SBR-90-W65S-R71-NA100
6500K White
Ordering Part Number2
Color
Description
SBT-90-R-F75-HN100
Red
Red SBT-90 consisting of a 9 mm2 LED on a ceramic substrate
SBR-90-R-R75-HN100
Red
SBR-90 evaluation module consisting of a SBT-90 surface mount device mounted
on an aluminum star board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com