Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1210H-R82M Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-1210H-R82M
Description  SURFACE MOUNT UNSHIELDED POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1210H-R82M Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-1210H-R82M Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
AISC - 1210H
|||||||||||||||
TECHNICAL INFORMATION:
Dimension: inch/mm
• Tape & Reel is standard
• Add L for no Cap, F for Ferrite Base
• Add G for Gold Plated Terminal
• Add S for Solder Plated Terminal
• Construction: Ceramic or Ferrite
• Excellent SRF
• High Frequency Design
• Excellent Q values
• Wireless Communications Equipment
• Networking System
• Computer Products and Peripherals
Part
L
L Test
Q
Q Test
SRF
RDC
IDC
Number
(μH)
Freq
Min
Freq
Min
Max
Max
(MHz)
(MHz)
(MHz)
( Ω )
(mA)
1210H Series
AISC-1210H-R10M
0.10
1
20
25.2
198
0.25
720
AISC-1210H-R18M
0.18
1
20
25.2
198
0.25
660
AISC-1210H-R27M
0.24
1
25
25.2
198
0.25
620
AISC-1210H-R39M
0.39
1
25
25.2
198
0.25
550
AISC-1210H-R56M
0.56
1
30
25.2
160
0.25
550
AISC-1210H-R68M
0.68
1
30
25.2
160
0.25
480
AISC-1210H-R82M
0.82
1
30
25.2
120
0.25
460
AISC-1210H-1R0M
1.0
1
20
1
100
0.40
450
AISC-1210H-1R2M
1.2
1
20
1
100
0.50
130
AISC-1210H-1R5K
1.5
1
20
1
75
0.60
400
AISC-1210H-1R8K
1.8
1
20
1
60
0.70
390
AISC-1210H-2R2K
2.2
1
20
1
50
0.80
370
AISC-1210H-2R7K
2.7
1
20
1
44
0.90
330
AISC-1210H-3R3K
3.3
1
20
1
40
1.0
300
AISC-1210H-3R9K
3.9
1
20
1
35
1.1
290
AISC-1210H-4R7K
4.7
1
20
1
32
1.2
270
AISC-1210H-5R6K
5.6
1
20
1
28
1.3
250
AISC-1210H-6R8K
6.8
1
20
1
25
1.5
240
AISC-1210H-8R2K
8.2
1
20
1
23
1.6
225
AISC-1210H-100K
10
1
35
1
20
1.8
190
AISC-1210H-120K
12
1
35
1
18
2.0
180
AISC-1210H-150K
15
1
35
1
16
2.2
170
AISC-1210H-180K
18
1
35
1
15
2.5
165
AISC-1210H-220K
22
1
35
1
14
2.8
150
AISC-1210H-270K
27
1
35
1
13
3.1
125
AISC-1210H-330K
33
1
35
1
12
3.5
115
AISC-1210H-390K
39
1
40
1
11
3.9
110
AISC-1210H-470K
47
1
40
1
11
4.3
100
AISC-1210H-560K
56
1
40
1
10
4.9
90
AISC-1210H-680K
68
1
40
1
9
5.5
85
AISC-1210H-820K
82
1
40
1
9
6.2
80
AISC-1210H-101K
100
1
40
0.796
8
6.8
78
AISC-1210H-121K
120
1
40
0.796
8
7.8
72
AISC-1210H-151K
150
1
40
0.796
7
9.2
70
AISC-1210H-181K
180
1
40
0.796
7
10
70
AISC-1210H-221K
220
1
40
0.796
6
12
65
AISC-1210H-271K
270
1
40
0.796
6
13
65
AISC-1210H-331K
330
1
40
0.796
5
13
65
AISC-1210H-391K
390
1
50
0.796
5
22
50
AISC-1210H-471K
470
0.1
50
0.796
5
25
45
AISC-1210H-561K
560
0.1
50
0.796
5
28
40
Note: 1. J=±5%, K=±10%, M=±20%
• AISC-1210H-XXXK Typcial Values Only
(-XXX equal inductance value)
• Add -T for tape and reel
• Operating Temperature: -40°C to +125°C
• Inductance drop 10% typical at IDC
TOLERANCES:
UNLESS OTHERWISE SPECIFIED:
inch: .XX: ± 0.015
.XXX: ± 0.010
mm: X,X: ±0,38
X,XX: ± 0.25
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.27.07
Visit www.abracon.com for Terms & Conditions of Sale
SURFACE MOUNT UNSHIELDED POWER INDUCTORS
FEATURES:
OPTIONS:
APPLICATIONS:
ELECTRICAL SPECIFICATIONS:
OUTLINE DRAWING:


Similar Part No. - AISC-1210H-R82M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1210HS ABRACON-AISC-1210HS Datasheet
1Mb / 4P
Wire Wound Inductors (Ferrite Base)
12.08.11
AISC-1210HS-100 ABRACON-AISC-1210HS-100 Datasheet
1Mb / 4P
Wire Wound Inductors (Ferrite Base)
12.08.11
AISC-1210HS-120 ABRACON-AISC-1210HS-120 Datasheet
1Mb / 4P
Wire Wound Inductors (Ferrite Base)
12.08.11
AISC-1210HS-150 ABRACON-AISC-1210HS-150 Datasheet
1Mb / 4P
Wire Wound Inductors (Ferrite Base)
12.08.11
AISC-1210HS-180 ABRACON-AISC-1210HS-180 Datasheet
1Mb / 4P
Wire Wound Inductors (Ferrite Base)
12.08.11
More results

Similar Description - AISC-1210H-R82M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
Unshielded Surface Mount Inductors
1812-100M ETC1-1812-100M Datasheet
60Kb / 2P
Unshielded Surface Mount Inductors
logo
Abracon Corporation
AISC-1812H ABRACON-AISC-1812H Datasheet
127Kb / 1P
SURFACE MOUNT UNSHIELDED POWER INDUCTORS
06.27.07
logo
API Delevan
1008R API-1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510R API-2510R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
1812R-151J API-1812R-151J Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
2510-22F API-2510-22F Datasheet
1Mb / 1P
Unshielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com