Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAC-4125C-R307 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIAC-4125C-R307
Description  SURFACE-MOUNT AIR COIL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAC-4125C-R307 Datasheet(HTML) 2 Page - Abracon Corporation

  AIAC-4125C-R307 Datasheet HTML 1Page - Abracon Corporation AIAC-4125C-R307 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
SURFACE-MOUNT AIR COIL
SURFACE-MOUNT AIR COIL
SURFACE-MOUNT AIR COIL
AIAC SERIES : AIAC-1512, 2712, 2015, 4125
• Tolerance: K=±10%, J=±5%
• Testing: HP4291A, HP16193A, HP4286A or equivalent.
• Add -T for tape and reel.
• IDC for 15°C temperature rise max
• Operating Temperature: -40°C to +125°C
Note: All specifications subject to change without notice.
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS (Cont.):
AB
C
AIAC-1512C
.145
.120
.125
(3,68)
(3,05)
(2,92)
AIAC-2712C
.270
.120
.125
(6,86)
(3,05)
(2,92)
AIAC-2015C
.195
.150
.166
(Max)
(4,95)
(3,81)
(4,20)
AIAC-4125C
.416
.250
.235
(Max)
(10,55)
(6,35)
(5,97)
DE
F
AIAC-1512C
.115±.010
.023±.015
.130
(2,92±0,25)
(0,58±0,38)
(3,30)
AIAC-2712C
.230±.015
.023±.015
.130
(5,84±0,25)
(0,58±0,38)
(3,30)
AIAC-2015C
.170±.015
.061±.015
.204
(4,32±0,39)
(1,53±0,39)
(5,16)
AIAC-4125C
.315±.020
.050±.016
.264
(7,98±0,51)
(1,27±0,39)
(6,70)
GH
J
AIAC-1512C
.065
.050
.240
(1,65)
(1,27)
(6,10)
AIAC-2712C
.185
.050
.240
(4,70)
(1,27)
(6,10)
AIAC-2015C
.113
.059
.307
(2,85)
(1,48)
(7,78)
AIAC-4125C
.235
.081
.359
(5,95)
(2,04)
(9,12)
Suggested Land Pattern:
Dimension: inch/(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com