Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM30FU120B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MM30FU120B
Description  Ultrafast Recovery Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MM30FU120B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MM30FU120B Datasheet HTML 1Page - Inchange Semiconductor Company Limited MM30FU120B Datasheet HTML 2Page - Inchange Semiconductor Company Limited MM30FU120B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultrafast Recovery Diode
MM30FU120B
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 30A
3.5
V
IF= 30A, TJ=150℃
3.0
IR
Maximum Instantaneous Reverse Current
VR= VRWM
10
μA
VR= VRWM, TJ= 150℃
500
trr
Maximum Reverse Recovery Time
IF =1A, dIF/dt = -200A/us, VR = 30V
40
ns
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com