Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1526-01 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # SD1526-01
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

SD1526-01 Datasheet(HTML) 2 Page - Advanced Power Technology

  SD1526-01 Datasheet HTML 1Page - Advanced Power Technology SD1526-01 Datasheet HTML 2Page - Advanced Power Technology SD1526-01 Datasheet HTML 3Page - Advanced Power Technology SD1526-01 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD1526-01
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 10 mA
IB = 0
45
---
---
V
BVCES
IC = 25 mA
VBE = 0
45
---
---
V
BVEBO
IE = 10 mA
IC = 0
3.5
---
---
V
ICES
VCE = 28 V
VBE = 0
---
---
1.0
mA
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT * *
f = 1090 MHz
VCC = 28 V
---
6.0
---
W
GP
f = 1090 MHz
VCC = 28 V
---
9.5
---
dB
POUT * *
f = 1025–1150 MHz
VCC = 28 V
5.0
---
---
W
GP
f = 1025–1150 MHz
VCC = 28 V
9.5
---
---
dB
POUT * * *
f = 960–1215 MHz
VCC = 28 V
---
4.0
---
W
GP
f = 960–1215 MHz
VCC = 28 V
---
9.0
---
dB
* *
Pulse width 10
µµSec, duty cycle 1%.
* * *
Pulse width 10
µµSec, duty cycle 10%.
IMPEDANCE DATA
IMPEDANCE DATA
Frequency
ZIN (
Ω
Ω)
ZCL (
Ω
Ω)
1025 MHz
11.0+ j 11.6
15 + j 22.0
1090 MHz
12.5+ j 12.0
19 + j 19.5
1150 MHz
12.2+ j 8.2
16 + j 20.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com