Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5145TS Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA5145TS
Description  Brushless DC motor drive circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5145TS Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA5145TS Datasheet HTML 10Page - NXP Semiconductors TDA5145TS Datasheet HTML 11Page - NXP Semiconductors TDA5145TS Datasheet HTML 12Page - NXP Semiconductors TDA5145TS Datasheet HTML 13Page - NXP Semiconductors TDA5145TS Datasheet HTML 14Page - NXP Semiconductors TDA5145TS Datasheet HTML 15Page - NXP Semiconductors TDA5145TS Datasheet HTML 16Page - NXP Semiconductors TDA5145TS Datasheet HTML 17Page - NXP Semiconductors TDA5145TS Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
1998 Oct 27
14
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145TS
Table 3
Switching sequence after a reset pulse; note 1
Note
1. Z = high-impedance OFF-state; L = LOW state; H = HIGH state.
Table 4
Priority of function; note 1
Note
1. L = LOW state; H = HIGH state.
RELIABILITY
It is necessary to protect high current circuits and the output stages are protected in two ways:
• Current limiting of the ‘lower’ output transistors. The ‘upper’ output transistors use the same base current as the
conducting ‘lower’ transistor (+15%). This means that the current to and from the output stages is limited.
• Thermal protection of the six output transistors is achieved by each transistor having a thermal sensor that is active
when the transistor is switched on. The transistors are switched off when the ambient temperature becomes too high.
DIR
RESET
MOT1
MOT2
DIR
FUNCTION
H
H
Z
L
H
reset
H
L
Z
L
H
normal direction
mode sequence
HLHL
Z
HLH
Z
L
HL
Z
H
L
HL
LH
Z
HL
L
Z
H
L
H
H
L
Z
reset
L
L
H
L
Z
reverse direction
mode sequence
L
LZL
H
LLL
Z
H
LLL
H
Z
LL
Z
H
L
LL
H
Z
L
BRAKE
TEST
RESET
FUNCTION
L
L
L
normal
L
L
H
reset
L
H
L
test
L
H
H
test
H
L
L
brake
H
L
H
brake
H
H
L
brake
H
H
H
brake



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com