Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAS-02-R15K Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIAS-02-R15K
Description  THROUGH-HOLE MOLDED SHIELDED INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAS-02-R15K Datasheet(HTML) 1 Page - Abracon Corporation

  AIAS-02-R15K Datasheet HTML 1Page - Abracon Corporation AIAS-02-R15K Datasheet HTML 2Page - Abracon Corporation AIAS-02-R15K Datasheet HTML 3Page - Abracon Corporation AIAS-02-R15K Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test
(MIN)
Ω
(mA)
(MHz) (MHz) (MAX )
(MAX)
Part
L
Q
L SRF DCR
IDC
Number
(µH)
(MIN) Test
(MIN)
Ω
(mA)
(MHz ) (MHz) (MAX )
(MAX)
AIAS-01-R10K
AIAS-01-R12K
AIAS-01-R15K
AIAS-01-R18K
AIAS-01-R22K
AIAS-01-R27K
AIAS-01-R33K
AIAS-01-R39K
AIAS-01-R47K
AIAS-01-R56K
AIAS-01-R68K
AIAS-01-R82K
AIAS-01-1R0K
AIAS-01-1R2K
AIAS-01-1R5K
AIAS-01-1R8K
AIAS-01-2R2K
AIAS-01-2R7K
AIAS-01-3R3K
AIAS-01-3R9K
AIAS-01-4R7K
AIAS-01-5R6K
AIAS-01-6R8K
AIAS-01-8R2K
AIAS-01-100K
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
39
36
35
35
35
33
33
32
33
30
30
33
35
29
29
29
28
32
32
38
38
40
46
45
45
25
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
400
400
400
400
400
400
370
348
312
285
262
188
166
149
136
118
110
94
86
85
79
72
65
59
53
0.071
0.087
0.109
0.145
0.165
0.192
0.228
0.259
0.348
0.417
0.580
0.132
0.169
0.184
0.260
0.360
0.410
0.550
0.620
0.790
0.910
1.15
1.73
1.96
2.30
1580
1360
1280
1110
1040
965
885
830
717
655
555
1160
1330
985
825
705
664
577
540
475
445
395
320
302
280
AIAS-01-120K
AIAS-01-150K
AIAS-01-180K
AIAS-01-220K
AIAS-01-270K
AIAS-01-330K
AIAS-01-390K
AIAS-01-470K
AIAS-01-560K
AIAS-01-680K
AIAS-01-820K
AIAS-01-101K
AIAS-01-121K
AIAS-01-151K
AIAS-01-181K
AIAS-01-221K
AIAS-01-271K
AIAS-01-331K
AIAS-01-391K
AIAS-01-471K
AIAS-01-561K
AIAS-01-681K
AIAS-01-821K
AIAS-01-102K
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
40
45
45
45
48
54
54
54
60
55
57
60
58
60
60
60
60
60
60
60
60
60
60
60
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
60
53
45.8
42.2
31.0
26.0
24.2
22.0
21.2
19.9
16.8
13.2
11.0
9.1
7.4
7.2
6.8
5.5
5.1
5.0
4.9
4.6
4.2
4.0
0.55
0.71
1.00
1.09
1.35
1.90
2.10
2.40
2.90
3.20
3.70
4.60
5.20
5.90
7.40
8.50
10.0
13.4
15.0
21.0
23.0
26.0
34.0
39.0
570
500
423
404
364
305
293
271
248
237
219
198
184
173
156
145
133
115
109
92
88
82
72
67
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
AIAS-01 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
• Letter suffix indicates standard tolerance
• Current rating at which inductance (L) drops 10%
• Operating temperature -55°C to +85°C
• Storage temperature -55°C to +125°C
• Dimensions: inches / mm; see spec sheet for tolerance limits
• Marking per EIA 4-band color code
Note: All specifications subject to change without notice.
0.11
(2,80)
0.025
(0,63)
0.260
(6,60)
1.15
(29,21)


Similar Part No. - AIAS-02-R15K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIAS-03 ABRACON-AIAS-03 Datasheet
8Mb / 3P
Shielded Axial Inductor
12.21.12
AIAS-03-100 ABRACON-AIAS-03-100 Datasheet
8Mb / 3P
Shielded Axial Inductor
12.21.12
AIAS-03-120 ABRACON-AIAS-03-120 Datasheet
8Mb / 3P
Shielded Axial Inductor
12.21.12
AIAS-03-150 ABRACON-AIAS-03-150 Datasheet
8Mb / 3P
Shielded Axial Inductor
12.21.12
AIAS-03-180 ABRACON-AIAS-03-180 Datasheet
8Mb / 3P
Shielded Axial Inductor
12.21.12
More results

Similar Description - AIAS-02-R15K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1812 VISHAY-ISC1812 Datasheet
129Kb / 1P
Surface Mount, Molded, Shielded Inductors
28-Aug-02
IMS-2 VISHAY-IMS-2 Datasheet
75Kb / 3P
Inductors Commercial, Molded, Shielded, Miniature
18-Oct-04
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
THROUGH-HOLE MOLDED INDUCTORS
logo
Vishay Siliconix
ISC-1812 VISHAY-ISC-1812 Datasheet
282Kb / 3P
Surface Mount, Molded, Shielded Inductors
22-May-07
logo
RCD COMPONENTS INC.
PF0410-R22-MBW RCD-PF0410-R22-MBW Datasheet
31Kb / 1P
MOLDED SHIELDED INDUCTORS
logo
Murata Power Solutions ...
1200LRS MURATA-PS-1200LRS Datasheet
134Kb / 3P
Through Hole Radial Lead Shielded Inductors
1200RS MURATA-PS-1200RS Datasheet
132Kb / 3P
Through Hole Radial Lead Shielded Inductors
logo
Vishay Siliconix
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
Through-Hole Inductors
AUG-02-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com