Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAS-02-R18K Datasheet(PDF) 3 Page - Abracon Corporation

Part # AIAS-02-R18K
Description  THROUGH-HOLE MOLDED SHIELDED INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAS-02-R18K Datasheet(HTML) 3 Page - Abracon Corporation

  AIAS-02-R18K Datasheet HTML 1Page - Abracon Corporation AIAS-02-R18K Datasheet HTML 2Page - Abracon Corporation AIAS-02-R18K Datasheet HTML 3Page - Abracon Corporation AIAS-02-R18K Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test (MIN)
Ω
(mA)
(MHz ) (MHz) (MAX )
(MAX)
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test (MIN)
Ω
(mA)
(MHz) (MHz) (MAX )
( MAX)
AIAS-03-R10K
0.10
50
25 250 0.025 2900
AIAS-03-R12K
0.12
51
25 250 0.034 2800
AIAS-03-R15K
0.15
51
25 250 0.037 2750
AIAS-03-R18K
0.18
50
25 250 0.050 2200
AIAS-03-R22K
0.22
49
25 250 0.067 1700
AIAS-03-R27K
0.27
47
25 250 0.110 1500
AIAS-03-R33K
0.33
46
25 250 0.13
1300
AIAS-03-R39K
0.39
44
25 250 0.18
110
AIAS-03-R47K
0.47
44
25 235 0.25
1000
AIAS-03-R56K
0.56
43
25 210 0.33
900
AIAS-03-R68K
0.68
42
25 190 0.45
750
AIAS-03-R82K
0.82
40
25 180 0.59
600
AIAS-03-1R0K
1.0
47
25 140 0.07
1900
AIAS-03-1R2K
1.2
46
7.9 130 0.09
1600
AIAS-03-1R5K
1.5
45
7.9 115 0.12
1300
AIAS-03-1R8K
1.8
43
7.9 105 0.14
1200
AIAS-03-2R2K
2.2
45
7.9 100 0.19
1100
AIAS-03-2R7K
2.7
46
7.9
92
0.28
950
AIAS-03-3R3K
3.3
44
7.9
85
0.35
800
AIAS-03-3R9K
3.9
44
7.9
75
0.40
750
AIAS-03-4R7K
4.7
44
7.9
70
0.55
650
AIAS-03-5R6K
5.6
47
7.9
65
0.72
550
AIAS-03-6R8K
6.8
50
7.9
55
1.02
500
AIAS-03-8R2K
8.2
50
7.9
50
1.32
475
AIAS-03-100K
10
49
7.9
46
1.62
450
AIAS-03-120K
12
55
2.5
44
1.00
400
AIAS-03-150K
15
45
2.5
49
0.80
620
AIAS-03-180K
18
45
2.5
45
0.89
610
AIAS-03-220K
22
46
2.5
40
0.96
600
AIAS-03-270K
27
49
2.5
38
1.19
500
AIAS-03-330K
33
45
2.5
34
1.37
490
AIAS-03-390K
39
53
2.5
29
1.93
410
AIAS-03-470K
47
52
2.5
27
2.11
400
AIAS-03-560K
56
49
2.5
25
2.23
380
AIAS-03-680K
68
51
2.5
21
2.70
370
AIAS-03-820K
82
45
2.5
11
2.44
360
AIAS-03-101K
100
45
2.5
10
3.12
325
AIAS-03-121K
120
57 0.79 9.7 3.60
290
AIAS-03-151K
150
56 0.79 8.5 4.10
275
AIAS-03-181K
180
60 0.79 8.0 4.40
260
AIAS-03-221K
220
58 0.79 7.5 5.00
250
AIAS-03-271K
270
60 0.79 7.0 5.80
240
AIAS-03-331K
330
54 0.79 6.5 6.40
225
AIAS-03-391K
390
67 0.79 6.2 7.40
200
AIAS-03-471K
470
60 0.79 5.7 9.50
180
AIAS-03-561K
560
60 0.79 4.7 10.5
174
AIAS-03-681K
680
60 0.79 4.5
11.8
168
AIAS-03-821K
820
57 0.79 4.2 12.0
152
AIAS-03-102K
1000
65 0.79 3.8 17.5
135
AIAS-03-122K
1200
45 0.25 1.5 22. 1
115
AIAS-03-152K
1500
49 0.25 1.2 26. 5
110
AIAS-03-182K
1800
47 0.25 1.0 29.9
105
AIAS-03-222K
2200
50 0.25 0.97 33. 8
99
AIAS-03-272K
2700
47 0.25 0.92 47. 3
83
AIAS-03-332K
3300
43 0.25 0.84 53. 0
80
AIAS-03-392K
3900
43 0.25 0.80 73. 8
67
AIAS-03-472K
4700
44 0.25 0.74 81. 6
63
AIAS-03-562K
5600
45 0.25 0.73 98. 9
56
AIAS-03-682K
6800
43 0.25 0.66 111
54
AIAS-03-822K
8200
42 0.25 0.54 11 9
52
AIAS-03-103K
10000
39 0.25 0.47 137
49
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
AIAS-03 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
• Letter suffix indicates standard tolerance
• Current rating at which inductance (L) drops 10%
• Operating temperature -55°C to +85°C
• Storage temperature -55°C to +125°C
• Dimensions: inches / mm; see spec sheet for tolerance limits
• Marking per EIA 4-band color code
Note: All specifications subject to change without notice.
1.16
(4,06)
0.025
(0,63)
0.41
(10,41)
1.15
(29,21)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com