Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAS-02-R22K Datasheet(PDF) 4 Page - Abracon Corporation

Part # AIAS-02-R22K
Description  THROUGH-HOLE MOLDED SHIELDED INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAS-02-R22K Datasheet(HTML) 4 Page - Abracon Corporation

  AIAS-02-R22K Datasheet HTML 1Page - Abracon Corporation AIAS-02-R22K Datasheet HTML 2Page - Abracon Corporation AIAS-02-R22K Datasheet HTML 3Page - Abracon Corporation AIAS-02-R22K Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PART
L
Q
L
SRF DCR
IDC
NUMBER
(µH) (MIN) Test (MIN)
Ω
(mA)
(MHz) ( MHz) (MAX)
( MAX)
AIAS-04-121K
120
65 0.79 11
2.45
311
AIAS-04-151K
150
65 0.79 10
2.79
294
AIAS-04-181K
180
65 0.79 10
3.08
277
AIAS-04-221K
220
65 0.79 9.4 3.48
251
AIAS-04-271K
270
65 0.79 8.0 4.55
231
AIAS-04-331K
330
65 0.79 7.3 5.10
215
AIAS-04-391K
390
65 0.79 6.9 5.62
205
AIAS-04-471K
470
70 0.79 6.5 6.45
192
AIAS-04-561K
560
70 0.79 6.0 8.00
174
AIAS-04-681K
680
75 0.79 5.6 8.85
163
AIAS-04-821K
820
70 0.79 4.8 10.4
151
AIAS-04-102K
1000
65 0.79 4.5 12.1
139
AIAS-04-122K
1200
70 0.25 2.6 15.1
125
AIAS-04-152K
1500
70 0.25 2.5 16.8
119
AIAS-04-182K
1800
70 0.25 2.3 19.1
111
AIAS-04-222K
2200
70 0.25 2.2 22.0
103
AIAS-04-272K
2700
70 0.25 2.1 25.1
97
AIAS-04-332K
3300
70 0.25 2.0 33.3
85
PART
L
Q
L
SRF DCR
IDC
NUMBER
(µH) (MIN) Test (MIN)
Ω
(mA)
(MHz) (MHz) (MAX )
(MAX)
AIAS-04-392K
3900
70 0.25 1.8
36.8
80
AIAS-04-472K
4700
70 0.25 1.7
51.2
68
AIAS-04-652K
6500
70 0.25 1.6
54.6
66
AIAS-04-682K
6800
70 0.25 1.5
62.0
62
AIAS-04-822K
8200
70 0.25 1.4
86.6
52
AIAS-04-103K
10000 70 0.25 1.3
93.1
50
AIAS-04-123K
12000 50 0.25 0.88 84.0
53
AIAS-04-153K
15000 50 0.079 0.78 97.0
49
AIAS-04-183K
18000 50 0.079 0.72 104
48
AIAS-04-223K
22000 50 0.079 0.57 145
40
AIAS-04-273K
27000 50 0.079 0.46 195
34
AIAS-04-333K
33000 50 0.079 0.42 222
32
AIAS-04-393K
39000 50 0.079 0.42 242
31
AIAS-04-473K
47000 50 0.079 0.37 317
27
AIAS-04-563K
56000 50 0.079 0.36 362
25
AIAS-04-683K
68000 50 0.079 0.35 410
24
AIAS-04-823K
82000 50 0.079 0.34 440
23
AIAS-04-104K
100000 50 0.079 0.32 484
22
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
AIAS-04 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Inductance (L) tolerance: j = 5%, k = 10%, m = 20%
• Letter suffix indicates standard tolerance
• Current rating at which inductance (L) drops 10%
• Operating temperature -55°C to +85°C
• Storage temperature -55°C to +125°C
• Dimensions: inches / mm; see spec sheet for tolerance limits
• Marking per EIA 4-band color code
Note: All specifications subject to change without notice.
1.16
(4,06)
0.020
(0,51)
0.45
(11,41)
1.15
(29,21)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com