Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALVD Datasheet(PDF) 2 Page - Abracon Corporation

Part # ALVD
Description  CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALVD Datasheet(HTML) 2 Page - Abracon Corporation

  ALVD Datasheet HTML 1Page - Abracon Corporation ALVD Datasheet HTML 2Page - Abracon Corporation ALVD Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALVD
|||||||||||||||
WITH VOLTAGE CONTROL
7.0 x 5.0 x 1.8mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
LVDS:
PIN ASSIGNMENTS
PIN #
1
2
3
4
5
6
TRI-STATE PIN OPERATION:
0 (Default)
1
0
1
0
1(Default)
0
1(Default)
*Connect to VDD for logic level "1", connect to ground for logic level "0".
C
CMOS
Disabled
Enabled
V
LVDS
Disabled
Enabled
OUTPUT TYPE
OPTION
PIN 2 logic level*
Disabled
Enabled
P1
PECL1
d
n
u
o
r
G
D
N
G
.
t
u
p
t
u
O
S
O
M
C
r
o
,
S
D
V
L
,
L
C
E
P
Q
Output State (Tri-state)
P
PECL
Enabled
Disabled
VDD
VDD Connection.
N
O
I
T
P
I
R
S
E
D
e
m
a
N
l
o
r
t
n
o
C
e
g
a
t
l
o
V
c
V
e
t
a
t
s
i
r
T
e
t
a
t
s
i
r
T
.
C
N
r
o
,
S
D
V
L
,
L
C
E
P
y
r
a
t
n
e
m
il
p
m
o
C
Q
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
R
±25ppm max.
Blank
Bulk
K
±30ppm max.
H
±35ppm max.
D
-10ºC~60ºC
E
-20ºC~70ºC
F
-30ºC~70ºC
P
PECL
N100
±100ppm
N
-30ºC~85ºC
P1
PECL1
L
-40ºC~85ºC
V
LVDS
CCMOS
Frequency
Operating Temp.
Output Level
Packaging
Pullability
Frequency Stability
T
Tape and
Reel
XX.XXXXMHz
ALVD - Frequency -
-
-
-
-
Supply current(IDD):25mA max (for Fo<24MHz),45mA max (for 24MHz<Fo<96MHz),80mA max (96MHz<Fo<700MHz)
Output Clock Duty Cycle @ 1.25V: 45% min, 50% typical, 55% max
Output DifferentialVoltage (VOD): 247mV min, 355mVtypical, 454mV max
VDD Magnitude Change (
ΔV
OD): -50mV min, 50mV max
Output High Voltage : VOH = 1.4V typical, 1.6V max.
Output Low Voltage: VOL = 0.9V min, 1.1V typical
Offset Voltage [RL = 100Ω]: VOS = 1.125V min, 1.2V typical, 1.375V max
Offset Magnitude Change [RL = 100Ω]: ΔVOS = 0mV min, 3mV typical, 25mV max
Power-off Leakage (IOXD) [Vout=VDD or GND, VDD=0V] = ±1μA typical, ±10μA max.
Differential Clock Rise Time (tr) [RL=100Ω, CL=10pF]: 0.2nS min, 0.7nS typical, 1.0nS,max
Differential Clock Fall Time (t f) [RL=100Ω, CL=10pF]: 0.2nS min, 0.7nS typical, 1.0nS max
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.11.07
Visit www.abracon.com for Terms & Conditions of Sale



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com