Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIAS-02-R33K Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIAS-02-R33K
Description  THROUGH-HOLE MOLDED SHIELDED INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIAS-02-R33K Datasheet(HTML) 2 Page - Abracon Corporation

  AIAS-02-R33K Datasheet HTML 1Page - Abracon Corporation AIAS-02-R33K Datasheet HTML 2Page - Abracon Corporation AIAS-02-R33K Datasheet HTML 3Page - Abracon Corporation AIAS-02-R33K Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part
L
Q
L
SRF DCR
IDC
Number
(µH) (MIN) Test
(MIN)
Ω
(mA)
(MHz) (MHz) (MAX )
(MAX)
Part
L
Q
L SRF DCR
IDC
Number
(µH)
(MIN) Test
(MIN)
Ω
(mA)
(MHz ) (MHz) (MAX )
(MAX)
AIAS-02-R12K
0.12
42
25
500 0.126 1630
AIAS-02-R15K
0.15
42
25
500 0.138 1550
AIAS-02-R18K
0.18
42
25
336 0.165 1420
AIAS-02-R22K
0.22
42
25
331 0.198 1330
AIAS-02-R27K
0.27
42
25
298 0.220 1230
AIAS-02-R33K
0.33
42
25
288 0.258 1 140
AIAS-02-R39K
0.39
42
25
271 0.292 1060
AIAS-02-R47K
0.47
41
25
247 0.360
960
AIAS-02-R56K
0.56
39
25
236 0.397
915
AIAS-02-R68K
0.68
36
25
216 0.472
840
AIAS-02-R82K
0.82
35
25
200 0.638
720
AIAS-02-1R0K
1.0
42
25
136 0.208 1260
AIAS-02-1R2K
1.2
38
7.9 120 0.225 1210
AIAS-02-1R5K
1.5
38
7.9
111 0.265 1 120
AIAS-02-1R8K
1.8
38
7.9 103 0.285 1080
AIAS-02-2R2K
2.2
36
7.9 94.0 0.330 1000
AIAS-02-2R7K
2.7
38
7.9 84.8 0.381
935
AIAS-02-3R3K
3.3
38
7.9 78.4 0.432
875
AIAS-02-3R9K
3.9
40
7.9 72.8 0.576
755
AIAS-02-4R7K
4.7
42
7.9 66.4 0.787
650
AIAS-02-5R6K
5.6
42
7.9 61.6 1.04
565
AIAS-02-6R8K
6.8
45
7.9 54.6 1.40
485
AIAS-02-8R2K
8.2
47
7.9 49.6 1.68
440
AIAS-02-100K
10
51
7.9 44.0 2.58
355
AIAS-02-120K
12
51
2.5 39.2 3.65
300
AIAS-02-150K
15
45
2.5 44.0 .862
620
AIAS-02-180K
18
43
2.5 40.0 1.02
570
AIAS-02-220K
22
42
2.5 36.0 1.12
545
AIAS-02-270K
27
37
2.5 32.8 1.28
510
AIAS-02-330K
33
46
2.5 29.6 1.70
440
AIAS-02-390K
39
38
2.5 26.4 1.99
405
AIAS-02-470K
47
42
2.5 23.2 2.41
370
AIAS-02-560K
56
41
2.5 21.6 2.85
340
AIAS-02-680K
68
46
2.5 18.4 3.21
320
AIAS-02-820K
82
46
2.5 16.8 3.57
305
AIAS-02-101K
100
43
2.5 15.2 4.10
280
AIAS-02-121K
120
50
0.79 14.4 5.97
235
AIAS-02-151K
150
49
0.79 12.0 7.05
215
AIAS-02-181K
180
56
0.79 11.2 8.12
200
AIAS-02-221K
220
53
0.79 9.6
14.8
150
AIAS-02-271K
270
57
0.79 9.2
16.8
140
AIAS-02-331K
330
57
0.79 8.4
18.6
130
AIAS-02-391K
390
57
0.79 8.0
21.1
120
AIAS-02-471K
470
50
0.79 6.8
32.2
100
AIAS-02-561K
560
50
0.79 6.0
36.4
95
AIAS-02-681K
680
56
0.79 5.6
41.1
90
AIAS-02-821K
820
49
0.79 5.2
45.0
85
AIAS-02-102K
1000
49
0.79 4.8
52.0
80
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
THROUGH-HOLE MOLDED SHIELDED INDUCTORS
AIAS-02 SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
• Letter suffix indicates standard tolerance
• Current rating at which inductance (L) drops 10%
• Operating temperature -55°C to +85°C
• Storage temperature -55°C to +125°C
• Dimensions: inches / mm; see spec sheet for tolerance limits
• Marking per EIA 4-band color code
Note: All specifications subject to change without notice.
1.13
(3,3)
0.020
(29,91)
0.33
(8,38)
1.15
(29,21)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com