Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3362GJ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3362GJ
Description  Single-String, 3V Minimum VIN, 36V VOUT, Boost LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3362GJ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3362GJ Datasheet HTML 1Page - Monolithic Power Systems MP3362GJ Datasheet HTML 2Page - Monolithic Power Systems MP3362GJ Datasheet HTML 3Page - Monolithic Power Systems MP3362GJ Datasheet HTML 4Page - Monolithic Power Systems MP3362GJ Datasheet HTML 5Page - Monolithic Power Systems MP3362GJ Datasheet HTML 6Page - Monolithic Power Systems MP3362GJ Datasheet HTML 7Page - Monolithic Power Systems MP3362GJ Datasheet HTML 8Page - Monolithic Power Systems MP3362GJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP3362
– SINGLE-STRING, 3V MINIMUM Vin, 36V BOOST LED DRIVER
MP3362 Rev. 1.1
www.MonolithicPower.com
4
2/22/2023
MPS Proprietary Information. Patent Protected Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VIN, VSW......................................-0.3V to +40V
All other pins ................................-0.3V to +5.3V
Continuous power dissipation (TA = 25°C) (2)
TSOT23-8 ................................................ 1.25W
Junction temperature ................................150°C
Lead temperature .....................................260°C
S
torage temperature……..…… -65°C to +150°C
ESD Ratings
Human body model (HBM) ................... ±2000V
Charged device model (CDM)................±1000V
Recommended Operating Conditions (3)
Supply voltage (VIN) ............................3V to 36V
Maximum LED load voltage (VLED)............... 36V
Operating junction temp........... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
TSOT23-8……….…................…100........55...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation will produce an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com