Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3435GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3435GL
Description  19A, 600kHz, 22V Output Range, Synchronous Boost Converter with Input Disconnect Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3435GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3435GL Datasheet HTML 1Page - Monolithic Power Systems MP3435GL Datasheet HTML 2Page - Monolithic Power Systems MP3435GL Datasheet HTML 3Page - Monolithic Power Systems MP3435GL Datasheet HTML 4Page - Monolithic Power Systems MP3435GL Datasheet HTML 5Page - Monolithic Power Systems MP3435GL Datasheet HTML 6Page - Monolithic Power Systems MP3435GL Datasheet HTML 7Page - Monolithic Power Systems MP3435GL Datasheet HTML 8Page - Monolithic Power Systems MP3435GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MP3435 – 19A, 600kHz, 22V SYNCHRONOUS BOOST WITH INPUT DISCONNECT
MP3435 Rev. 1.0
MonolithicPower.com
4
11/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
SW............................. -0.3V (-3.5V for <10ns) to
……………………………+24V (28V for <10ns)
IN, SENSE, OUT, SOUT.............. -0.3V to +24V
GATE......................................-0.3V to IN +5.5V
BST, TM .............................. -0.3V to VSW +5.5V
All other pins............................... -0.3V to +5.5V
EN sinking current ............................... 0.5mA (2)
Continuous power dissipation (TA = 25°C) (3)
.............................................................. 4.6W (5)
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature. ............... -65°C to +150°C
ESD Ratings
Human body model (HBM) ......................2000V
Charged device model (CDM)..................1500V
Recommended Operating Conditions (4)
Supply voltage (VIN) ........................... 3V to 20V
Output voltage (VOUT)......................... VIN to 22V
EN sinking curent.....................0mA to 0.3mA (2)
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
QFN-20 (3mmx4mm)
EVL3435-L-00A (5) ................. 27........ 4 .... °C/W
JESD51-7 (6) .......................... 48....... 11 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) Refer to the Enable (EN) and Configurable UVLO section on
page 17.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can generate an excessive die temperature, which
may cause the regulator to go into thermal shutdown. Internal
thermal
shutdown
circuitry
protects
the
device
from
permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on the EVL3435-L-00A, a 4-layer, 2oz PCB
(63mmx63mm).
6)
The value of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com