Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6604CGV Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6604CGV
Description  4.5V to 45V, 2.5A, Simple Dual H-Bridge Driver (HS/LS)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6604CGV Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6604CGV Datasheet HTML 2Page - Monolithic Power Systems MP6604CGV Datasheet HTML 3Page - Monolithic Power Systems MP6604CGV Datasheet HTML 4Page - Monolithic Power Systems MP6604CGV Datasheet HTML 5Page - Monolithic Power Systems MP6604CGV Datasheet HTML 6Page - Monolithic Power Systems MP6604CGV Datasheet HTML 7Page - Monolithic Power Systems MP6604CGV Datasheet HTML 8Page - Monolithic Power Systems MP6604CGV Datasheet HTML 9Page - Monolithic Power Systems MP6604CGV Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP6604C
– 4.5V TO 45V, 2.5A, SIMPLE DUAL H-BRIDGE DRIVER (HS/LS)
MP6604C Rev. 1.1
MonolithicPower.com
6
5/12/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL TIMIMG CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
5
xLSx
xOUTx
6
1
xHSx
2
6
5
3
4
xOUTx
Figure 1: Timing Diagram
Table 1: Timing Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Units
xHSx high to xOUTx high delay time
t1
10mA load connected
from xOUTx to GND
40
360
ns
xHSx low to xOUTx low delay time
t2
40
360
ns
xLSx high to xOUTx low delay time
t3
10mA load connected
from xOUTx to VIN
40
360
ns
xLSx high to xOUTx high delay time
t4
40
360
ns
Output rise time
t5
Resistive load
1
55
ns
Output fall time
t6
Resistive load
1
165
ns
Dead time
-
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com