Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APVV Datasheet(PDF) 2 Page - Abracon Corporation

Part # APVV
Description  CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

APVV Datasheet(HTML) 2 Page - Abracon Corporation

  APVV Datasheet HTML 1Page - Abracon Corporation APVV Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions: inch (mm)
MARKING:
- HTU.th
(Frequency: H=First “”100” digit of frequency (if applicable),
T=First “10” digit of frequency, U=First “unit” of frequency,
t=First “tenth” digit of freq, h=First “hundredth” digit of freq.
Ex: 156.25 for 156.25MHz; 14.31 for 14.31818 MHz)
- APVV ZYX
(Z: Month, A to L; Y: Year, 5 for 2005; X: Traceability Code)
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
APVV SERIES
CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
PIN ASSIGNMENTS:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
Temperature:
L for -40°C to +85°C
APVV - Frequency - Temperature - Frequency Stability - Output - Pull Range - Packaging
Pull Range: A = ±100ppm
Packaging option: T for Tape and Reel
(1,000pcs/reel)
PIN #
NAME
DESCRIPTION
1
2
3
4
5
6
Voltage Control
OE
GND
Q
Q
VDD
Voltage Control Input
Output Enable
Ground
PECL, LVDS, or CMOS Output
Complimentary PECL, LVDS, or NC
VDD Connection
TRI-STATE PIN OPERATION:
OUTPUT TYPE
PIN 1 LOGIC LEVEL*
OUTPUT STATE
PECL
(P)
LVDS & CMOS
(V, C)
PECL1
(P1)
0 (Default)
1
0
1 (Default)
1 (Default)
0
Enabled
Tri-state
Tri-state
Enabled
Enabled
Tri-state
*Connect to VDD from logic level "1", connect to ground for logic level "0".
Output options:
P = PECL
P1 = PECL1
V = LVDS
C = CMOS
Stability options:
R for ± 25 ppm max
S for ± 20 ppm max
: PRELIMINARY
5.0 x 7.0 x 1.8mm
Q1 2006 Availability currently limited to standard developed frequencies.
Please contact factory for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com