Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O-CS8-AQT17ISL-R Datasheet(PDF) 2 Page - Abracon Corporation

Part # O-CS8-AQT17ISL-R
Description  Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

O-CS8-AQT17ISL-R Datasheet(HTML) 2 Page - Abracon Corporation

  O-CS8-AQT17ISL-R Datasheet HTML 1Page - Abracon Corporation O-CS8-AQT17ISL-R Datasheet HTML 2Page - Abracon Corporation O-CS8-AQT17ISL-R Datasheet HTML 3Page - Abracon Corporation O-CS8-AQT17ISL-R Datasheet HTML 4Page - Abracon Corporation O-CS8-AQT17ISL-R Datasheet HTML 5Page - Abracon Corporation O-CS8-AQT17ISL-R Datasheet HTML 6Page - Abracon Corporation O-CS8-AQT17ISL-R Datasheet HTML 7Page - Abracon Corporation O-CS8-AQT17ISL-R Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
O-CS8 Series
14 x 21 x 7.5mm
Datasheet #1319A
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
Revision P: 08/24/2023
www.nelfc.com
Electrical (cont.)
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Notes
Spectral Purity, Sine Wave
Output power
Subharmonics
Spurious
Harmonics
12
15
none
-35
-80
-30
dBm
dBc
Non-supply related
Output Waveform
Sine
CMOS
Code S
Code T
Load
10KOhm//15pF (HCMOS/TTL),
AC-coupled 50 Ohm (Sine Wave)
Output Code T
Output Code S
Warm-up Time
τ
to 0.1ppm
accuracy
3
5
minutes
Logic 1 (CMOS)
Voh
0.7 Vref
Output Code T
Logic 0 (CMOS)
Vol
0.1 Vref
V
Output Code T
Control Voltage
Vc
0
0
0
10.0
4.5
3.0
V
Slope options “L”, “M”
Slope options “P”, “Q”
Slope option “K”
Input Impedance
Zin
At Vc Pin
10
Kohm
Pull Range
from nominal F
±2.5
ppm
Absolute Pull Range
APR
±0.5
ppm
Deviation Slope
Monotonic, posit
0.7
1.3
ppm/V
Slope options “L”, “M”
Slope options “P”, “Q”
Linearity
±10%
%
Reference Voltage
Vref
N/A
4.5
3.0
V
Slope options “L”, “M”
Slope options “P”, “Q”
Vcc option A
Setability
Vc0
@25°C, Fnom.
4.0
1.75
1.2
5.0
2.25
1.5
6.0
2.75
1.8
V
Slope options “L”, “M”
Slope options “P”, “Q”
Slope option “K”
Modulation Bandwidth
Fm
DC
1
kHz
Environmental and Mechanical
Parameter
Description
Operating Temperature Range
0 to 70°C Standard, Other options – see Chart below
Mechanical Shock
Per MIL-STD-202, 30G, 11ms
Thermal Shock
Per MIL-STD-883, Method 1011, Condition A
Vibration
Per MIL-STD-202, 5G to 2000 Hz
Operational Vibration
Phase noise under vibration to be verified by the customer
Seal
Only crystal resonator is hermetically sealed
Soldering Conditions
See MAX reflow profile below; The device may be reflowed once. Reflowing upside
down is not allowed. Hand soldering is highly encouraged. NO CLEAN assembly is
recommended.
Moisture Sensitivity Level (MSL)
Class 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com