Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASE3
Description  1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASE3 Datasheet(HTML) 1 Page - Abracon Corporation

  ASE3 Datasheet HTML 1Page - Abracon Corporation ASE3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb RoHS
Compliant
| | | | | | | | | | | | | | |
ASE3 SERIES
• CCD clock for VTR camera
• Equipment connected to PC or PC cards
• Thin equipment
• Compact and low in height
• Low current consumption
• Tri state function
• Suitable for high density SMT
• Tight stability option
• Seam sealed package
Revised: 3.20.07
3.2 x 2.5 x 0.9mm
• IR reflow capable
Freq.
(MHz)
Tr/Tf max
(nSec)
TABLE 1 - Input Current
~ 20 MHz
~ 40 MHz
~ 60 MHz
10 max.
10 max.
10 max.
Idd max.
(max. mA)
5
9
11
~ 75 MHz
10 max.
14
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Overall Frequency Stability
Supply Voltage (Vdd)
Input Current
Symmetry
Rise and Fall Time (Tr/Tf)
Output Load
Output Voltage
Tristate Function
Peak to Peak Jitter
RMS Jitter
PARAMETERS
0.5 ~ 50 MHz
ASE3 Series
-20°C to + 70°C (See Options)
-55°C to + 100°C
± 100 ppm max. (See Options)
1.8 Vdc ± 5%
See Table 1
45/55% @ 50%Vdd
See Table 1
32ps (Typical)
4.5ps (Typical)
15 pF (max)
VOH = 0.9* Vdd min.
VOL = 0.1* Vdd max.
"1" (VIH >= 1.62 Vdc) or open: Oscillation
"0" (VIL < 0.18 Vdc) : Hi Z
I
0°C to +50°C
Y(*)
±10ppm
D
-10°C to +60°C
J(**)
±20ppm
E
-20°C to +70°C
R
±25ppm
F
-30°C to +70°C
K
±30ppm
N
-30°C to +85°C
H
±35ppm
L
-40°C to +85°C
B
±40ppm
Contact ABRACON for
C
±50ppm
wider temperature range.
* Available for 0°C to +50°C and -10°C to +60°C only.
** Contact ABRACON for -40°C to +85°C.
ASE3 - Frequency - - -
Operating Temp.
Range
Overall Frequency
Stability
Packaging
T
Tape and
Reel
1.8Vdc CMOS COMPATIBLE SMD
CRYSTAL CLOCK OSCILLATOR
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:


Similar Part No. - ASE3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE3 ABRACON-ASE3 Datasheet
157Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.03.08
logo
Pentair plc. All rights...
ASE30X24X10NK PENTAIR-ASE30X24X10NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASE30X24X12 PENTAIR-ASE30X24X12 Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASE30X24X12NK PENTAIR-ASE30X24X12NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASE30X24X4 PENTAIR-ASE30X24X4 Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
More results

Similar Description - ASE3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASE2 ABRACON-ASE2 Datasheet
1Mb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
3.20.07
ASE ABRACON-ASE Datasheet
1Mb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
03.20.07
ASE2 ABRACON-ASE2_08 Datasheet
161Kb / 2P
2.5Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
01.14.08
ASE3 ABRACON-ASE3_08 Datasheet
157Kb / 2P
1.8Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.03.08
ASE4 ABRACON-ASE4 Datasheet
685Kb / 2P
1.5V CMOS COMPATIBLE 3.2 x 2.5 SMD CRYSTAL CLOCK OSCILLATOR
08.15.08
ASE ABRACON-ASE_07 Datasheet
792Kb / 2P
3.3Vdc CMOS COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
12.28.07
ASESERIES ABRACON-ASESERIES Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-50.000MHZ-ET ABRACON-ASE-50.000MHZ-ET Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASE-24 ABRACON-ASE-24 Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com