Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV560 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSV560
Description  Schottky Barrier Rectifier 5 A, 60 V Low VF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSV560 Datasheet(HTML) 3 Page - ON Semiconductor

  FSV560 Datasheet HTML 1Page - ON Semiconductor FSV560 Datasheet HTML 2Page - ON Semiconductor FSV560 Datasheet HTML 3Page - ON Semiconductor FSV560 Datasheet HTML 4Page - ON Semiconductor FSV560 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FSV560
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Typical Forward Characteristics
0.0
0.01
0.1
1
10
T
A
= 150
oC
T
A
= 125
oC
T
A
= 75
oC
T
A
= 25
oC
T
A
= −55
oC
V
F
− FORWARD VOLTAGE (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Figure 4. Typical Reverse Characteristics
10
1E−4
1E−3
0.01
0.1
1
10
100
T
A
= 150
oC
T
A
= 75
oC
T
A
= 125
oC
T
A
= 25
oC
T
A
= −55
oC
V
R
− REVERSE VOLTAGE (V)
20
30
40
50
60
Figure 5. Typical Junction Capacitance
0.1
0
100
200
300
400
500
600
V
R
− REVERSE VOLTAGE (V)
110
100
Figure 6. Typical Reverse Characteristic
1
0
20
40
60
80
100
120
140
160
180
200
NUMBER OF CYCLES
10
100
Figure 7. Forward Current Derating Curve
0
0
1
2
3
4
5
6
AMBIENT / LEAD TEMPERATURE (
oC)
T
A
(Min. Pad)
T
A
(3cm x 3cm Pad)
T
L
(Cathode, 3cm x 3cm Pad & Min. Pad)
25
50
75
100
125
150
175



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com