Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301M3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBD301M3
Description  Silicon Hot-Carrier Diode SCHOTTKY Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD301M3 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBD301M3 Datasheet HTML 1Page - ON Semiconductor MMBD301M3 Datasheet HTML 2Page - ON Semiconductor MMBD301M3 Datasheet HTML 3Page - ON Semiconductor MMBD301M3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
March, 2018 − Rev. 2
1
Publication Order Number:
MMBD301M3/D
MMBD301M3
Silicon Hot-Carrier Diode
SCHOTTKY Barrier Diode
The MMBD301M3T5G device is a spin−off of our popular
SOT−23 three−leaded device. It is designed primarily for
high−efficiency UHF and VHF detector applications. It is readily
adaptable to many other fast switching RF and digital applications
and is housed in the SOT−723 surface mount package. This device is
ideal for low−power surface mount applications where board space is
at a premium.
Features
• Extremely Low Minority Carrier Lifetime − 15 ps (Typ)
• Very Low Capacitance − 1.5 pF (Max) @ VR = 15 V
• Reduces Board Space
• These Devices are Pb−Free and Halogen Free/BFR Free
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Current (DC)
IF
200 (Max)
mA
Total Device Dissipation
@ TA = 25°C
Derate above 25°C
PF
200
2.0
mW
mW/°C
Operating Junction Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 mA)
V(BR)R
30
−
−
V
Total Capacitance (VR = 15 V, f = 1.0 MHz) Figure 1
CT
−
0.9
1.5
pF
Reverse Leakage (VR = 25 V) Figure 3
IR
−
13
200
nAdc
Forward Voltage (IF = 1.0 mAdc) Figure 4
VF
−
0.38
0.45
Vdc
Forward Voltage (IF = 10 mAdc) Figure 4
VF
−
0.52
0.6
Vdc
www.onsemi.com
30 VOLTS
SILICON HOT−CARRIER
DETECTOR AND SWITCHING
DIODES
Device
Package
Shipping†
ORDERING INFORMATION
MMBD301M3T5G
SOT−723
(Pb−Free)
8000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOT−723
CASE 631AA
STYLE 2
AK M
AK
= Specific Device Code
M
= Date Code
MARKING
DIAGRAM
1
ANODE
3
CATHODE


Similar Part No. - MMBD301M3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD301M3T5G ONSEMI-MMBD301M3T5G Datasheet
117Kb / 3P
Silicon Hot-Carrier Diode
January, 2009 ??Rev. 0
MMBD301M3T5G ONSEMI-MMBD301M3T5G Datasheet
94Kb / 3P
Silicon Hot-Carrier Diode
May, 2013 ??Rev. 1
MMBD301M3T5G ONSEMI-MMBD301M3T5G_13 Datasheet
94Kb / 3P
Silicon Hot-Carrier Diode
May, 2013 ??Rev. 1
More results

Similar Description - MMBD301M3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
Weitron Technology
WBDL301 WEITRON-WBDL301 Datasheet
277Kb / 3P
Surface Monut Schottky Barrier Diode Silicon Hot-Carrier Diodes
logo
SeCoS Halbleitertechnol...
MDL301 SECOS-MDL301 Datasheet
411Kb / 2P
30V Hot-Carrier Detector Schottky Barrier Diode
MDL301K SECOS-MDL301K Datasheet
359Kb / 2P
30V Hot-Carrier Detector Schottky Barrier Diode
logo
Leshan Radio Company
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MMBD301M3T5G ONSEMI-MMBD301M3T5G Datasheet
117Kb / 3P
Silicon Hot-Carrier Diode
January, 2009 ??Rev. 0
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
logo
Leshan Radio Company
LMDL301T1G LRC-LMDL301T1G Datasheet
135Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
MDL301K SECOS-MDL301K_15 Datasheet
360Kb / 2P
30V Hot-Carrier Detector Schottky Barrier Diode
logo
ON Semiconductor
MMBD301M3T5G ONSEMI-MMBD301M3T5G_13 Datasheet
94Kb / 3P
Silicon Hot-Carrier Diode
May, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com