Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA5149 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA5149
Description  12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5149 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA5149 Datasheet HTML 14Page - NXP Semiconductors TDA5149 Datasheet HTML 15Page - NXP Semiconductors TDA5149 Datasheet HTML 16Page - NXP Semiconductors TDA5149 Datasheet HTML 17Page - NXP Semiconductors TDA5149 Datasheet HTML 18Page - NXP Semiconductors TDA5149 Datasheet HTML 19Page - NXP Semiconductors TDA5149 Datasheet HTML 20Page - NXP Semiconductors TDA5149 Datasheet HTML 21Page - NXP Semiconductors TDA5149 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1996 May 06
18
Philips Semiconductors
Product specification
12 V Voice Coil Motor (VCM) driver and
spindle motor pre-driver combination chip
TDA5149G
SISENS: PIN 15
∆Vo
output voltage shift
1.38
1.43
1.48
V
Vo
output voltage level
1.37
−
VDD − 1.2
V
GS
spindle sense amplifier gain
4.85
5.0
5.15
V/V
fUG
unity gain bandwidth
1
−
−
MHz
SPINDLE CURRENT LOOP FILTER AMPLIFIER: PINS 18 AND 19 (SINTIN AND ISPIN)
ViCM
common mode input voltage
1.3
−
3.2
V
Vi(os)
input offset voltage
−3.0
−
+3.0
mV
Ii
input current
−1
−
0
µA
SICOMP: PIN 20
VOL
LOW level output voltage
IOL = 1 mA
−
−
0.5
V
VOH
HIGH level output voltage
IOH = −0.6 mA
3.5
−
−
V
SR
slew rate
0.5
0.9
1.5
V/
µs
fUG
unity gain bandwidth
1
−
−
MHz
SPINDLE PWM COMPARATORS: PINS 22 AND 23 (CSS1 AND CSS2)
Vdc
discharge clamp voltage
ICSS1,2 = 0.5 mA
−
−
0.45
V
Isink(d)
sink current
for normal CSS1 and
CSS2 discharge;
RIref = 120 kΩ
20.2
21.0
21.8
µA
Isink(s)
sink current
for CSS1 and CSS2
short
1
−
−
mA
ANALOG SWITCHES: PIN 21 (RPOS)
RSon
switch-on resistance
150
250
400
Ω
RSoff
switch-off resistance
10
−
−
M
Ω
SAWTOOTH OSCILLATOR: PIN 24 (STOSC)
VSUL
voltage swing upper limit
2.9
3.0
3.1
V
VSLL
voltage swing lower limit
static test
0.53
0.55
0.57
V
Isource
source current
note 8
−44.4
−42.8 −41.2
µA
Isink
sink current
note 9
500
800
1100
µA
Voice coil motor driver
VCM PREAMPLIFIERS: PINS 41 AND 40 (VCMIN1 AND VCMIN2)
Ii
input current
−10
−
+10
µA
Vi(os)
input offset voltage
−6
−
+6
mV
fUG
unity gain bandwidth
−
3
−
MHz
GRSon
gain switch-on resistance
VGAINSEL = 1
−
−
60
Ω
GRSoff
gain switch-off resistance
VGAINSEL = 0
10
−
−
M
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com