Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-011B Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-011B
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-011B Datasheet(HTML) 2 Page - CUI Devices

  PJ-011B Datasheet HTML 1Page - CUI Devices PJ-011B Datasheet HTML 2Page - CUI Devices PJ-011B Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | MODEL: PJ-011B | DESCRIPTION: DC POWER JACK
date 06/26/2023 | page 2 of 3
cuidevices.com
2
3
1
11.9 0.469
0.2
13.30.524
0.2
1.52 0.060
1.25 0.049
1.88 0.074
4.50 0.177
3.40 0.134
2.000.079
4.000.157
BACK VIEW
PCB LAYOUT
(2 PLCS)
1
0.80X3.50
0.60X3.00
2
3
panel cutout
0.591
6.00
0.457
11.60
0.236
15.00
2.50 0.098
0.091
4.90
2.30
0.118
0.354
9.00
0.079
2.00
0.512
13.00
3.00
(2 PLCS)
0.193
0.059
1.50
15.800.622
2
3
M13X1.0
1
0.098
2.50
(2 PLCS)
1.40 0.055
(2 PLCS)
MECHANICAL DRAWING
units: mm[inches]
tolerance: ±0.3 mm
unless otherwise noted
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-011B
Center Pin
Ø2.5 mm
MATING PLUG
Jack Insertion Depth: 9.0 mm
DESCRIPTION
MATERIAL
PLATING/COLOR
center pin
brass
nickel
terminal 1
brass t=0.4
silver
terminal 2
phosphor bronze
t=0.2
silver
terminal 3
brass t=0.3
silver
nut
brass
nickel
insulator
bakelite t=1.0
natural
plastic
PBT+30%GF
(UL94V-0)
black
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com