Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-012A Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-012A
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-012A Datasheet(HTML) 2 Page - CUI Devices

  PJ-012A Datasheet HTML 1Page - CUI Devices PJ-012A Datasheet HTML 2Page - CUI Devices PJ-012A Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 06/02/2020
│ page 2 of 3
CUI Devices
│ MODEL: PJ-012A │ DESCRIPTION: DC POWER JACK
cuidevices.com
1.30.051
0.5 0.020
0.354
9.0
0.059
1.5
1.00.039
(2 PLCS)
0.150
3.8
3.5 0.138
0.071
1.8
0.339
8.6
(2 PLCS)
6.5 0.256
4.5 0.177
8.30.327
0.354
9.0
0.339
8.6
(2 PLCS)
0.039
0.197
5.0
1.0
8.70.343
PCB LAYOUT
TOP VIEW
1
3
2
7.0
0.130
0.157
2.00.079
3.3
6.60.260
0.433
11.0
0.276
4.0
3.70.146
0.138
3.5
0.453
11.5
1.00.039
3
3
2
1
1
1.00X5.90
(2 PLCS)
2
0.059
1.5
1.50.059
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
silver
terminal 2
titanium copper alloy
silver
terminal 3
brass
silver
plastic
PBT
units: mm[inches]
tolerance: ±0.3 mm
unless otherwise noted
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-012A
Center Pin
Ø2.0 mm
MATING PLUG
Jack Insertion Depth: 6.7 mm
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com