Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-014D Datasheet(PDF) 1 Page - CUI Devices

Part # PJ-014D
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-014D Datasheet(HTML) 1 Page - CUI Devices

  PJ-014D Datasheet HTML 1Page - CUI Devices PJ-014D Datasheet HTML 2Page - CUI Devices PJ-014D Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 04/16/2024
page 1 of 3
MODEL: PJ-014D | DESCRIPTION: DC POWER JACK
cuidevices.com
FEATURES
• 1.3 mm center pin
• 2.5 A rating
• right angle orientation
• through hole mounting
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
24
Vdc
rated input current
2.5
A
contact resistance
50
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
500
Vac
insertion/withdrawal force
0.3
3
kg
operating temperature
-25
85
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
dipped in solder pot for 4~6 seconds
250
°C
Additional Resources: Product Page


Similar Part No. - PJ-014D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-014D CUI-PJ-014D Datasheet
236Kb / 3P
DC POWER JACK
PJ-014D-SMT CUI-PJ-014D-SMT Datasheet
31Kb / 1P
DC POWER JACK, SURFACE MOUNT
PJ-014DH-SMT CUI-PJ-014DH-SMT Datasheet
128Kb / 3P
DC POWER JACK
PJ-014DH-SMT-TR CUI-PJ-014DH-SMT-TR Datasheet
317Kb / 4P
DC POWER JACK
logo
CUI Devices
PJ-014DH-SMT-TR CUID-PJ-014DH-SMT-TR Datasheet
468Kb / 4P
DC POWER JACK
04/17/2024
More results

Similar Description - PJ-014D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
DC POWER JACK
PJ-034-SMT CUI-PJ-034-SMT Datasheet
153Kb / 3P
DC POWER JACK
PJ-036AH-SMT CUI-PJ-036AH-SMT Datasheet
149Kb / 3P
DC POWER JACK
PJ-038-SMT CUI-PJ-038-SMT Datasheet
154Kb / 3P
DC POWER JACK
PJ-034A CUI-PJ-034A Datasheet
229Kb / 1P
DC POWER JACK
PJ-018 CUI-PJ-018 Datasheet
238Kb / 1P
DC POWER JACK
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
DC POWER JACK
PJ-048H CUI-PJ-048H Datasheet
182Kb / 3P
DC POWER JACK
PJ-051AH CUI-PJ-051AH Datasheet
24Kb / 1P
DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com