Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA115T Datasheet(PDF) 2 Page - VTI technologies

Part # SCA115T
Description  Stand Alone Inclinometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA115T Datasheet(HTML) 2 Page - VTI technologies

  SCA115T Datasheet HTML 1Page - VTI technologies SCA115T Datasheet HTML 2Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VTI Technologies Oy
Myllynkivenkuja 6
P.O. Box 27
FI-01621 Vantaa
Finland
Tel. +358 9 879181
Fax +358 9 87918791
sales@vti.fi
VTI Technologies Oy
Frankfurt Branch
Rennbahnstr. 72-74
D-60528 Frankfurt am Main
Germany
Tel. +49 69 6786 880
Fax +49 69 6786 8829
sales.de@vti.fi
VTI Technologies, Inc.
One Park Lane Blvd.
Suite 804 - East Tower
Dearborn, MI 48126
USA
Tel. +1 313 425 0850
Fax +1 313 425 0860
sales@vtitechnologies.com
Ø 4
SCA115T and SCA125T Series
Figure 2.
Figure 3.
Optional mounting bracket
Dimensions (in mm):
SENSOR DIMENSIONS
ORDERING INFORMATION
MECHANICAL SPECIFICATION
MOUNTING
Cable length:
30 cm
The sensor module is to be mounted on a flat and smooth surface with 2 screws, dimension M4.
Mounting torque 5
± 1 Nm.
Total weight:
approx. 60 grams (excluding connector)
Protection class:
IP66 (excluding connector)
Metal part:
Housing: Yellow chromated zinc casting
Bracket: Yellow passivated steel
ELECTRICAL CONNECTION
SOFTWARE LEVELS
Wire color
Name
Function
Modules are available with different software levels:
Yellow
A
Bus connection
Level
Output
White
B
Bus connection
A
• Acc/Incl and temperature in counts (HEX data)
• Communication configurability (RS-485 bus)
• Device address changeability
Green
NC
Blue
GND
Ground
Red
V
cc
Power supply
B
• “A” + output in mg, temperature in ˚F or ˚C
• Adjustable averaging of acc/incl signal(s)
• Adjustable offset for acc/incl signal(s)
C
• “A” + “B” + output in mrad or degree
• Adjustable offset for acc/incl signal(s)
See separate manual for more detailed information
SCA1X5T-D0Y, Z
Software level:
A, B or C
Product type:
See Perf.char. table
Number of axis:
1=single axis, 2=dual axis



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com