Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4037 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4037
Description  Triac
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4037 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4037 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4037 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4037 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IST4037
eq T1650H-6T
Triac
www.iscsemi.com
1
FEATURES
· Medium current Triac
· Low thermal resistance with clip bonding
· Very high 3 quadrant commutation capabilities
APPLICATION
· Vacuum cleaner
· Coffee brewers
· Inrush current limiter for inverter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)
Tc= 127℃
16
A
ITSM
Non repetitive surge peak on-state current
(full cycle , tp=20ms , Tj=25℃)
160
A
PG(AV)
Average gate power
TJ= 125℃
1
W
di/dt
Repetitive rate of rise of on-state current after triggering
(IG=2×IGT , f=100Hz , Tj=150℃)
100
A/us
I2t
I2t for fusing tp= 10ms
128
A2S
IGM
Peak gate current,tp=20us,TJ= 150℃
4
A
Tj
Operating Junction temperature
-40 ~+150
℃
Tstg
Storage temperature
-40 ~+150
℃


Similar Part No. - IST4037

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4034 ISC-IST4034 Datasheet
260Kb / 3P
Thyristors
IST4036 ISC-IST4036 Datasheet
318Kb / 3P
Thyristors
IST4038 ISC-IST4038 Datasheet
307Kb / 3P
Thyristor
More results

Similar Description - IST4037

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
Triac
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
TRIAC
logo
Renesas Technology Corp
BCR5CM12RA RENESAS-BCR5CM12RA Datasheet
92Kb / 7P
Triac
BCR8FM12LB RENESAS-BCR8FM12LB Datasheet
138Kb / 8P
Triac
BCR20CM12LB RENESAS-BCR20CM12LB Datasheet
202Kb / 8P
Triac
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
Triac
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com