Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFLK Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASFLK
Description  32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLK Datasheet(HTML) 2 Page - Abracon Corporation

  ASFLK Datasheet HTML 1Page - Abracon Corporation ASFLK Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
|||||||||||||||
ASFLK SERIES
5.0 x 3.2 x 1.3mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.28.07
TAPE & REEL:
OUTLINE DRAWING:
Dimensions: Inches (mm)
Dimensions: mm
PIN
1
2
3
4
Output
FUNCTION
E/D
Vdd
GND
Tape and reel (1,000pcs/reel)
Visit www.abracon.com for Terms & Conditions of Sale
Note: Recommend using
an approximately 0.01uF
bypass capacitor between
PIN 2 and 4.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com