Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVP
Description  5Vdc or 3.3Vdc MINIATURE CERAMIC SURFACE MOUNT HCMOS OR TTL PROGRAMMABLE CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVP Datasheet(HTML) 1 Page - Abracon Corporation

  ASVP Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5Vdc or 3.3Vdc • MINIATURE CERAMIC SURFACE MOUNT • HCMOS OR TTL
PROGRAMMABLE CLOCK OSCILLATORS
ASLP and ASVP
ASXPX
- Frequency
-
Temperature
-
Overall Frequency Stability
-
Stand By
-
Packaging
ORDERING OPTIONS
APPLICATIONS:
• Clocks for a wide range of applications.
FEATURES:
• Wide range of frequency up to 125MHz using PLL technology. • Reflow soldering.
• Quick delivery within one to five days for small quantities.
• Tristate E/ D or Stand-By function.
• Ultra miniature low profile SMD package.
• Hermetically seam welded.
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
Frequency Range
(Fo)
1.00MHz - 125MHz
1.00MHz - 106.25MHz
Operating Temperature
(TOPR)
-20°C to +70°C ( See Options)
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(
∆F/ Fo)
±50ppm max. ( See Options )
Supply Voltage
(Vdd)
5.0Vdc ±10%
3.3Vdc ±10%
Input Current
(
Idd)
45m A max.
25m A max.
Duty Cycle or Symmetry
45/55% max.at 1/2 VDD 45 / 55% max.at 1.4 VDC 45/55% max.at 1/2 VDD
Rise and Fall Times
(TR / TF)
4ns max.
Output Load
25pF max.
5TTL
15pF max.
Output Voltage
(VOH)
0.9 *Vdd min.
2.4V min.
0.7 *Vdd min.
(VOL)
0.4V max.
0.4V max.
0.2 *Vdd max.
Start-up Time
(TOSC)
10ms max.
Tristate (OE) Function
VIH: 2.0V min.
Oscillation
VIH: 0.7*VDDmin.
VIL: 0.8V max. Hi Impedance
VIH: 0.2*VDDmax.
Disable current
OE
(IDIS)
30mA max.
15mA max.
Stand - By current (option B)(ISTB)
50µA max.
20µA max.
Jitter
Peak to peak
RMS One sigma
PARAMETERS
AS LP
AS LPT
ASVP
±250ps max. for F< 40MHz, ±90ps typ.
±100ps max. for F> 40MHz, ±50ps typ.
±50ps max. for F< 40MHz, ±25ps typ.
±30ps max. for F> 40MHz, ±15ps typ.
±250ps max. for
F< 40MHz, ±90ps typ.
±100ps max. for
F> 40MHz, ±50ps typ.
±50ps max. for
F< 40MHz, ±25ps typ.
±40ps max. for
F>40MHz, ±20ps typ.
* Pin 1 has internal pull-up resistor which allow Pin 1 to be left floating ( enable high).
Connect a By-Pass capacitor 0.01
µ F between Vdd and GND.
Environmental and mechanical specifications see appendix C. Group 2.
Test circuit, waveforms,see appendix B. Reflow profile, see appendix E.
Tape and Reel, see appendix H.(1,000 pcs./reel).
-F for -30°C to +70°C
-N for -30°C to +85°C
-L for -40°C to +85°C
* Standard temperature only.
Please call us for other tighter spec.
Pin
Function
1
OE or PD
2
GND
3
Output
4
Vdd
-J for + 20pmm max.*
-R for + 25pmm max.*
-K for + 30pmm max.
-H for + 35pmm max.
T for Tape and Reel
Dimensions: Inches (mm)
7.0 x 5.0 x 1.6 mm
T or Blank
L or V
XXX.XXX MHz
-B
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
MARKING w/o OPTIONS:
- ALPX
(
X.XX frequency)
- 042104
(Six digit lot and blank date code,
Ex: ALP80.0, ALP4.00
)
MARKING w/ OPTIONS:
- AX.XXRB or LB
(
X.XX frequency)
- 042104
(R for stability. or L temp. & B for stand-by
Six digit lot and blank date code, Ex: A125LB, A66.6B, A27.0R
)


Similar Part No. - ASVP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASV ABRACON-ASV Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV1 ABRACON-ASV1 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
More results

Similar Description - ASVP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACSD ABRACON-ACSD Datasheet
190Kb / 3P
5.0VDC or 3.3VDC 8 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
29 Journey
ACTX1018 ABRACON-ACTX1018 Datasheet
512Kb / 1P
5Vdc or 3.3Vdc TTL / CMOSAND SINE WAVE TEMPERATURE-COMPENSATED XTAL OSCILLATORS
ACVX1220 ABRACON-ACVX1220 Datasheet
486Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ACVX1222 ABRACON-ACVX1222 Datasheet
494Kb / 1P
TTL / CMOS FULL-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
AHVX1025 ABRACON-AHVX1025 Datasheet
450Kb / 1P
TTL / CMOS HALF-SIZE DIP 5Vdc or 3.3Vdc VOLTAGE-CONTROLLED CRYSTAL OSCILLATORS
ASG ABRACON-ASG Datasheet
547Kb / 1P
HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
ASSH ABRACON-ASSH Datasheet
132Kb / 2P
5.0VDC or 3.3VDC 8 PINDIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
ASSO ABRACON-ASSO Datasheet
136Kb / 2P
5.0VDC or 3.3VDC 14 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com