Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASMP
Description  PLASTIC J-LEADED PROGRAMMABLE SURFACEMOUNT CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASMP Datasheet(HTML) 1 Page - Abracon Corporation

  ASMP Datasheet HTML 1Page - Abracon Corporation ASMP Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency
ABRACON P/N
ASMP Series
Operating Temperature
Storage Temperature
Frequency stability
Supply voltage (Vdd)
Input Current
Output Voltage
Start-up time
Tri-state function
|||||||||||||||
ASMP
• Real time clocks
• System References
-20°C to + 70°C (See options)
-55°C to +125°C
± 100ppm max. (See options)
5.0 Vdc ± 10%
Rise and fall time (Tr/Tf)
4 ns max. @ 20% to 80% of waveform
Stand-By Current (Option - B)
Jitter (Peak to Peak)
RMS One Sigma
Aging
50 μA max.
±250ps max. for F< 33MHz, ±100ps typ.
Disabled current OE
30 mA max.
Output Load
25pF max.
Symmetry at 1/2 VDD
45/55 % max.
VOH = 0.9 * Vdd min.
VOL = 0.4 * Vdd max.
10 ms max.
Pb RoHS
Compliant
PLASTIC J-LEADED PROGRAMMABLE SURFACE-
MOUNT CRYSTAL CLOCK OSCILLATOR
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
PARAMETERS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
14.0 x 8.95 x 4.7 mm
• Wide range of frequencies using PLL Technology
• Reflow soldering capable
• Miniature plastic SMD type
• Incorporated heat-resisting packaged crystal
1.000 MHz to 125.00 MHz
45mA max.
±100ps max. for F>33MHz, ±50ps typ.
±50ps max. for F< 33MHz, ±30ps typ.
±30ps max. for F>33MHz, ±20ps typ.
"1" (VIH >= 2.0V min) or open: Oscillation
"0" (VIL < 0.8V max) : Hi Impedance
±5ppm/year maximum (typ. ±3ppm)
F
-30°C to +70°C
N
-30°C to +85°C
J
± 20 ppm*
L
-40°C to +85°C
R
± 25 ppm*
K
± 30 ppm*
H
± 35 ppm*
C
± 50 ppm*
B
(*) Note: -20 to +70°C only
Stand-By
Temp. Range
Packaging
Frequency Stability
Over Operating Temp.
T
Tape and Reel
(1.1K/reel)
Stand-By Mode
ASMP-Frequency -
-
-
-
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 05.01.07
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ASMP

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASMP5P23S04A ALSC-ASMP5P23S04A Datasheet
226Kb / 13P
3.3 V SpreadTrak Zero Delay Buffer
logo
PulseCore Semiconductor
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Alliance Semiconductor ...
ASMP5P23S05A ALSC-ASMP5P23S05A Datasheet
206Kb / 16P
3.3V SpreadTrak Zero Delay Buffer
ASMP5P23S09A ALSC-ASMP5P23S09A Datasheet
206Kb / 16P
3.3V SpreadTrak Zero Delay Buffer
logo
Abracon Corporation
ASMPH-0603 ABRACON-ASMPH-0603 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
More results

Similar Description - ASMP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASMLP ABRACON-ASMLP Datasheet
190Kb / 2P
PLASTIC J-LEADED PROGRAMMABLE SURFACEMOUNT CRYSTAL CLOCK OSCILLATOR
07.31.07
logo
Ecliptek Corporation
EC18 ECLIPTEK-EC18 Datasheet
438Kb / 2P
3.3Vdc J-Leaded Plastic Surface Mount Oscillator
EC17 ECLIPTEK-EC17 Datasheet
423Kb / 2P
5.0Vdc J-Leaded Plastic Surface Mount Oscillator
logo
NIHON DEMPA KOGYO
2775Y NDK-2775Y Datasheet
90Kb / 1P
Crystal Clock Oscillator Programmable Type
logo
Connor-Winfield Corpora...
MSD61A4 CONNOR-WINFIELD-MSD61A4 Datasheet
149Kb / 2P
3.3V SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD534 CONNOR-WINFIELD-MSD534 Datasheet
149Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD614 CONNOR-WINFIELD-MSD614 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD624 CONNOR-WINFIELD-MSD624 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD634 CONNOR-WINFIELD-MSD634 Datasheet
153Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
MSD644 CONNOR-WINFIELD-MSD644 Datasheet
149Kb / 2P
SURFACE MOUNT J LEADED HCMOS CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com