Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-104S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-104S
Description  LOW PROFILE SHIELDED SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-104S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-104S Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STANDARD SPECIFICATIONS
LOW PROFILE SHIELDED SMD POWER INDUCTORS
ASPI -104S, -105S
Part
L1,2
DCR
IDC4
Number 2
(
mH)
mm
(MAX)
(MAX)
ASPI-104S-1R0
1.0
0.006
13.6
ASPI-104S-1R5
1.5
0.008
10.0
ASPI-104S-2R5
2.5
0.010
7.50
ASPI-104S-2R8
2.8
0.011
7.30
ASPI-104S-3R8
3.8
0.013
6.00
ASPI-104S-5R2
5.2
0.022
5.50
ASPI-104S-7R0
7.0
0.027
4.80
ASPI-104S-100
10
0.035
4.40
ASPI-104S-150
15
0.050
3.60
ASPI-104S-220
22
0.073
2.90
ASPI-104S-330
33
0.093
2.30
ASPI-104S-470
47
0.093
2.30
ASPI-104S-680
68
0.213
1.50
ASPI-104S-101
100
0.304
1.35
ASPI-104S-151
150
0.506
1.15
ASPI-104S-221
220
0.756
0.92
ASPI-104S-331
330
1.090
0.70
Part
L1,2
DCR
IDC4
Number 2
(
mH)
mm
(MAX)
(MAX)
ASPI-105S-100
10
0.050
2.40
ASPI-105S-150
15
0.061
2.00
ASPI-105S-220
22
0.094
1.65
ASPI-105S-330
33
0.15
1.35
ASPI-105S-470
47
0.21
1.10
ASPI-105S-680
68
0.26
0.93
ASPI-105S-101
100
0.41
0.76
ASPI-105S-151
150
0.64
0.63
ASPI-105S-221
220
0.96
0.52
ASPI-105S-331
330
1.37
0.43
ASPI-105S-471
470
1.74
0.36
0.385
(9,80)
0.350
(8,90)
0.196
(5,00)
0.12
(3,00)
0.067
(1,70)
0.12
(3,0)
0.30
(7,7)
0.15
(3,8)
0.40
(10,1)
0.39
(10,0)
PHYSICAL CHARACTERISTICS5
NOTES:
1. Inductance (L) measured @ 100 KHz, 0.1VRMS
2. Inductance (L) tolerance: J = 5%, K = 10%, M = 20%
3. Operating temperature: -40oCto85oC
4. Inductance drops by 10%
5. Dimensions: inches / mm; see spec sheet for tolerance limits
6. Specifications subject to change without notice
ASPI-104S
ASPI-105S
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@ abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
CORPORA T ION
78


Similar Part No. - ASPI-104S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1040HI ABRACON-ASPI-1040HI Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
ASPI-1040HI-100 ABRACON-ASPI-1040HI-100 Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
ASPI-1040HI-1R0 ABRACON-ASPI-1040HI-1R0 Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
ASPI-1040HI-4R7 ABRACON-ASPI-1040HI-4R7 Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
ASPI-1040HI-R16 ABRACON-ASPI-1040HI-R16 Datasheet
1Mb / 4P
Molding Type Power Inductor
11.19.11
More results

Similar Description - ASPI-104S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Abracon Corporation
ASPI104S ABRACON-ASPI104S Datasheet
713Kb / 2P
LOW PROFILE SHIELDED SMD POWER INDUCTORS
02.22.11
logo
Eaton All Rights Reserv...
SD53 EATON-SD53 Datasheet
385Kb / 4P
Low profile shielded power inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com