Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0706HC-R47 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0706HC-R47
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0706HC-R47 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0706HC-R47 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS COMPLIANT
Part
L (µH)
DCR Max
ISAT
IRMS
Number
±20%
(mΩ)
(A)
(A)
ASPI-0706HC-R47
0.33
4
10.00
7.0
ASPI-0706HC-R47
0.47
10
7.70
6.0
ASPI-0706HC-R56
0.56
10
7.70
6.0
ASPI-0706HC-1R0
1.0
17
5.35
4.4
ASPI-0706HC-1R5
1.5
20
4.52
4.2
ASPI-0706HC-2R2
2.2
37
3.52
3.1
ASPI-0706HC-3R3
3.3
43
3.00
2.9
ASPI-0706HC-4R7
4.7
55
2.60
2.2
ASPI-0706HC-6R8
6.8
90
2.20
1.7
ASPI-0706HC-100
10
110
1.92
1.5
ASPI-0706HC-150
15
175
1.50
1.2
ASPI-0706HC-220
22
255
1.20
1.0
ASPI-0706HC-330
33
370
1.00
0.82
ASPI-0706HC-470
47
480
0.87
0.72
ASPI-0706HC-600
60
700
0.70
0.60
ASPI-0706HC-680
68
740
0.66
0.58
ASPI-0706HC-101
100
1100
0.54
0.47
ASPI-0706HC-271
270
4000
0.08
0.20
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SMD POWER INDUCTORS
SMD POWER INDUCTORS
SMD POWER INDUCTORS
ASPI-0706HC SERIES
|||||||||||||||
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
•
Lp measured at 100KHz, 0.1 VRMS
•
ISAT: is peak current for approx 30% roll-off
•
IRMS: 40°C temperature rise max
•
Operating Temperature: -40°C to +85°C
Note: All specifications subject to
change without notice.


Similar Part No. - ASPI-0706HC-R47

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0703 ABRACON-ASPI-0703 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-100 ABRACON-ASPI-0703-100 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-101 ABRACON-ASPI-0703-101 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-120 ABRACON-ASPI-0703-120 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
ASPI-0703-121 ABRACON-ASPI-0703-121 Datasheet
2Mb / 3P
SMD Power Inductor
03.14.12
More results

Similar Description - ASPI-0706HC-R47

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
PDB1608 SUPERWORLD-PDB1608 Datasheet
448Kb / 4P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com