Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-1367-R10 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-1367-R10
Description  HIGH CURRENT SHIELDED INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1367-R10 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-1367-R10 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LDCR
HEAT RATING
SATURATION
(µH)
(m Ω )
CURRENT
CURRENT DC
±20%
Max
DC AMPS
AMPS4 TYPICAL
TYPICAL
ASPI-1367-
R10
0.10
0.47
60.0
120
ASPI-1367-
R15
0.15
0.53
55.0
118
ASPI-1367-
R22
0.22
0.63
53.0
112
ASPI-1367-
R30
0.30
0.70
48.0
72
ASPI-1367-
R33
0.33
0.83
46.0
65
ASPI-1367-
R40
0.40
0.90
44.0
64
ASPI-1367-
R47
0.47
1.00
41.0
63
ASPI-1367-
R56
0.56
1.20
37.0
62
ASPI-1367-
R68
0.68
1.40
35.0
60
ASPI-1367-
R82
0.82
1.60
33.0
50
ASPI-1367-
1R0
1.0
1.70
32.0
49
ASPI-1367-
1R2
1.2
2.10
30.0
48
ASPI-1367-
1R5
1.5
2.50
27.0
45
ASPI-1367-
1R8
1.8
2.80
24.0
41
ASPI-1367-
2R2
2.2
3.50
22.0
40
ASPI-1367-
3R3
3.3
5.70
18.0
35
ASPI-1367-
4R7
4.7
9.30
13.5
30
ASPI-1367-
5R6
5.6
9.30
13.5
26.5
ASPI-1367-
6R8
6.8
13.10
11.5
16.5
ASPI-1367-
8R2
8.2
14.50
10.5
16
ASPI-1367-
100
10
15.80
10.0
15.5
Part Number
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
HIGH CURRENT SHIELDED INDUCTOR
HIGH CURRENT SHIELDED INDUCTOR
HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-XXX
|||||||||||||||
13.8 x 12.9 x 6.7mm
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
OUTLINE DRAWING:
REMARKS:
• Inductance tested at 200KHz, 0.25VRMS
• IDC: L drops 20% typical
• Add M for Inductance Tolerance
• Add -T for tape and reel
• Operating temperature: -55°C to +125°C
Note: All specifications subject to change without notice.
• Add -Z for Lead Free Option
• All solder and material are lead free
• Label packing box and reel: RoHS Compliance
APPLICATIONS:
• PDA/Notebook/Desktop/Server applications.
• Low profile, high current power supplies.
• Battery powered devices.
• DC/DC converter for
Field Programmable Gate Array(FPGA)
FEATURES:
• 100%lead (Pb) free.
• Lowest DCR/uH, in this package size.
• Frequency range up to 5.0MHZ.
• Handles high transient current spikes without saturation
• Ultra low buzz noise, due to composite construction.


Similar Part No. - ASPI-1367-R10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1367 ABRACON-ASPI-1367 Datasheet
1Mb / 3P
SHIELDED SMD CHIP POWER INDUCTOR
04.04.12
More results

Similar Description - ASPI-1367-R10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118-XXX ABRACON-ASPI-4118-XXX Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4122 ABRACON-ASPI-4122 Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123-XXX ABRACON-ASPI-5123-XXX Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318 ABRACON-ASPI-7318 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
logo
Accetek Electronics (Sh...
1MT ACCETEK-1MT Datasheet
306Kb / 8P
High Current Shielded Power Inductor
logo
Abracon Corporation
ASPI7318 ABRACON-ASPI7318 Datasheet
2Mb / 3P
HIGH CURRENT SHIELDED POWER INDUCTOR
10.11.12
logo
Central Technologies
CTHFW2014F CT-CTHFW2014F Datasheet
512Kb / 2P
SMD High Current Power Inductor - Shielded
CTQFW4228F CT-CTQFW4228F Datasheet
388Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
CTVFW2724F CT-CTVFW2724F Datasheet
435Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com