Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-4122 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-4122
Description  HIGH CURRENT SHIELDED INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-4122 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-4122 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES & APPLICATIONS:
• Suface Mountable High Saturation Power Inductors
• Applications: Power supply for VTR, OA equipment, LCD television set, notebook PC,
portable communication, equipments, DC/DC converters, etc.
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
HIGH CURRENT SHIELDED INDUCTOR
HIGH CURRENT SHIELDED INDUCTOR
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4122
|||||||||||||||
10.4 x 10.4 x 5.6mm
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
ORDERING CODE:
OUTLINE DRAWING:
LAND PATTERN
REMARKS:
ASPI-4122L(S,H)- R80
Inductor
L
(Low D.C.R Type)
S (Standard Type)
H (High Power Type)
Size
L
(µH)
DCR
DCR
DCR
±20% (m
Ω)(mΩ)(mΩ)
Max
Max
Max
ASPI-4122H- R15
0.15
1.7
55.0
19.0
ASPI-4122S- R22
0.22
1.7
40.0
19.0
ASPI-4122H- R30
0.30
2.4
40.0
17.7
ASPI-4122L- R36
0.36
1.7
24.0
19.0
ASPI-4122S- R45
0.45
2.4
26.4
17.7
ASPI-4122H- R50
0.50
4.1
30.4
13.0
ASPI-4122L(S,H)- R80
0.80
2.4
16.0
17.7
4.1
20.8
13.0
5.3
25.2
11.2
ASPI-4122H- 1R2
1.2
7.5
21.0
9.0
ASPI-4122S- 1R3
1.3
5.3
16.8
11.2
ASPI-4122L- 1R4
1.4
4.1
12.0
13.0
ASPI-4122H- 1R5
1.5
10.5
18.0
7.8
ASPI-4122S- 1R8
1.8
7.5
13.8
9.0
ASPI-4122H- 2R0
2.0
12.4
15.8
7.4
ASPI-4122L- 2R2
2.2
5.3
9.6
11.2
ASPI-4122S(H)- 2R5
2.5
10.5
11.8
7.8
18.0
14.0
6.2
ASPI-4122H- 3R0
3.0
23.8
12.6
4.9
ASPI-4122L(S)- 3R2
3.2
7.5
7.8
9.0
12.4
10.5
7.4
ASPI-4122S- 4R0
4.0
18.0
9.3
6.2
ASPI-4122L- 4R3
4.3
10.5
6.8
7.8
ASPI-4122S- 5R0
5.0
23.8
8.4
4.9
ASPI-4122L- 5R7
5.7
12.4
5.8
7.4
ASPI-4122L- 7R2
7.2
18.0
5.3
6.2
ASPI-4122L- 8R8
8.8
23.8
4.8
4.9
Part Number
ASPI-4122 (Standard Type)
ASPI-4122 (High Power Type)
Saturation Rated
Current (A)
Temperature
Rise Current(A)
Saturation Rated
Current (A)
Temperature
Rise Current(A)
Saturation Rated
Current (A)
Temperature
Rise Current(A)
ASPI-4122 (Low D.C.R Type)
inductance value, in µH
(UNIT IN mm)
• Open Circuit Inductance Test Parameters: 100KHZ, 0.25V
• DCR limits 25°C
• Tolerance of inductance:
ASPI-4122(L)- 0.36uH ±30%(N) 0.8uH~8.8uH ±20%((M)
ASPI-4122(S)- 0.22uH ±30%(N) 0.45uH~5.0uH ±20%((M)
ASPI-4122(H)- 0.15uH ±30%(N) 0.5uH~3.0uH ±20%((M)
• Saturation Rated Current: The current either the inductance
value becomes
35% (tolerance: +30%) lower than its nominal value or becomes
25%(tolerance: +20%) lower than its nominal value. (Ta=25°C)
• Temperature Rise Current (Typ.): The actual current when
temperature of coil becomes
∆T=40°C (Ta=25°C)
Note: All specifications subject to change without notice.
• All solder and material are lead free
• Label packing box and reel: RoHS Compliance


Similar Part No. - ASPI-4122

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-4118-XXX ABRACON-ASPI-4118-XXX Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118L-1R4 ABRACON-ASPI-4118L-1R4 Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118L-2R2 ABRACON-ASPI-4118L-2R2 Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118L-3R2 ABRACON-ASPI-4118L-3R2 Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118L-4R3 ABRACON-ASPI-4118L-4R3 Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
More results

Similar Description - ASPI-4122

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-XXX ABRACON-ASPI-1367-XXX Datasheet
79Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-4118-XXX ABRACON-ASPI-4118-XXX Datasheet
70Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123-XXX ABRACON-ASPI-5123-XXX Datasheet
73Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318 ABRACON-ASPI-7318 Datasheet
67Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
logo
Accetek Electronics (Sh...
1MT ACCETEK-1MT Datasheet
306Kb / 8P
High Current Shielded Power Inductor
logo
Abracon Corporation
ASPI7318 ABRACON-ASPI7318 Datasheet
2Mb / 3P
HIGH CURRENT SHIELDED POWER INDUCTOR
10.11.12
logo
Central Technologies
CTHFW2014F CT-CTHFW2014F Datasheet
512Kb / 2P
SMD High Current Power Inductor - Shielded
CTQFW4228F CT-CTQFW4228F Datasheet
388Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
CTVFW2724F CT-CTVFW2724F Datasheet
435Kb / 2P
High Current Power Inductor-Shielded
REV 08.14.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com